Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-4830 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-4830
Description  10-Element Bar Graph Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-4830 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-4830 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-4830 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings[7]
Red
AlGaAs Red
HER
Yellow
Green
Parameter
HDSP-4820
HLCP-J100
HDSP-4830
HDSP-4840
HDSP-4850
Average Power
63 mW
37 mW
87 mW
50 mW
105 mW
Dissipation per LED
(TA = 25°C)
Peak Forward Current
150 mA[1]
45 mA[2]
90 mA[3]
60 mA[3]
90 mA[3]
per LED
DC Forward Current
30 mA[4]
15 mA[4]
30 mA[5]
20 mA[5]
30 mA[5]
per LED
Operating
-40
°C to +85°C -20°C to +100°C
-40
°C to +85°C
-20
°C to +85°C
Temperature Range
Storage Temperature
-40
°C to +85°C -55°C to +100°C
-40
°C to +85°C
Range
Reverse Voltage per
3.0 V
5.0 V
3.0 V
LED
Lead Soldering
260
°C for 3 seconds[8]
Temperature
(1.59 mm
(1/16 inch) below
seating plane)[6]
Notes:
1. See Figure 1 to establish pulsed operating conditions. Maximum pulse width is 1.5 ms.
2. See Figure 2 to establish pulsed operating conditions. Maximum pulse width is 1.5 ms.
3. See Figure 8 to establish pulsed operating conditions. Maximum pulse width is 2 ms.
4. Derate maximum DC current for Red above TA = 62°C at 0.79 mA/°C, and AlGaAs Red above TA = 91°C at 0.8 mA/°C. See Figure 3.
5. Derate maximum DC current for HER above TA = 48°C at 0.58 mA/°C, Yellow above TA = 70°C at 0.66 mA/°C, and Green above
TA = 37°C at 0.48 mA/°C. See Figure 9.
6. Clean only in water, isopropanol, ethanol, Freon TF or TE (or equivalent), or Genesolve DI-15 (or equivalent).
7. Absolute maximum ratings for HER, Yellow, and Green elements of the multicolor arrays are identical to the HDSP-4830/4840/
4850 maximum ratings.
8. Maximum tolerable component side temperature is 134
°C during solder process.
Internal Circuit Diagram
Pin
Function
Pin
Function
1
Anode a
11
Cathode j
2
Anode b
12
Cathode i
3
Anode c
13
Cathode h
4
Anode d
14
Cathode g
5
Anode e
15
Cathode f
6
Anode f
16
Cathode e
7
Anode g
17
Cathode d
8
Anode h
18
Cathode c
9
Anode i
19
Cathode b
10
Anode j
20
Cathode a
120
a
10
11
j
219
318
417
516
615
714
813
912
b
c
d
e
f
g
h
i


Similar Part No. - HDSP-4830

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4830 AVAGO-HDSP-4830 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HDSP-4830 AVAGO-HDSP-4830 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HDSP-4830 AVAGO-HDSP-4830 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
More results

Similar Description - HDSP-4830

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-J100 AVAGO-HLCP-J100 Datasheet
555Kb / 8P
   10-Element Bar Graph Array
HDSP-4840-FG000 AVAGO-HDSP-4840-FG000 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
HLCP-J100 AVAGO-HLCP-J100_13 Datasheet
152Kb / 7P
   10-Element Bar Graph Array
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
   10 BAR GRAPH ARRAY
logo
Kingbright Corporation
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GURUGX10D SUNLED-GURUGX10D Datasheet
197Kb / 5P
   10 SEGMENTS BAR GRAPH ARRAY
GURX10D SUNLED-GURX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
logo
SunLED Corporation
GUGX10D SUNLED-GUGX10D Datasheet
176Kb / 4P
   10 SEGMENTS BAR GRAPH ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com