Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-314J Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-314J
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-314J Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-314J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-314J Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
High Level Output Current
IOH
0.2
A
Vo = VCC- 4
2
5
0.4
0.5
Vo = VCC-10
3
2
Low Level Output Current
IOL
0.2
0.4
A
Vo = VEE+2.5
5
5
0.4
0.5
Vo = VEE+10
6
2
High Level Output Voltage
VOH
VCC-4
VCC-1.8
V
Io = -100 mA
1
6,7
Low Level Output Voltage
VOL
0.4
1
V
Io = 100 mA
4
High Level Supply Current
ICCH
0.7
3
mA
Io = 0 mA
7,8
15
Low Level Supply Current
ICCL
1.2
3
mA
Io = 0 mA
Threshold Input Current
IFLH
5
mA
Io = 0 mA,
9,15
Low to High
Vo>5 V
Threshold Input Voltage
VFHL
0.8
V
High to Low
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature Coefficient of
∆VF/∆TA
-1.2
mV/
°C
Input Forward Voltage
Input Reverse Breakdown
BVR
310
V
IR = 100
µA
Voltage
Input Capacitance
CIN
pF
f = 1 MHz,
VF = 0 V
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Propagation Delay Time to
tPLH
0.1
0.2
0.7
µs
Rg = 47
Ω,
10,11,
14
High Output Level
Cg = 3 nF,
12,13,
Propagation Delay Time to
tPHL
0.1
0.3
0.7
µs
f = 10 kHz,
14,17
Low Output Level
Duty Cycle =
Propagation Delay
PDD
-0.5
0.5
µs
50%,
10
Difference Between Any
IF = 8 mA,
Two Parts or Channels
VCC = 30 V
Rise Time
tR
ns
Fall Time
tF
ns
Output High Level Common
|CMH|
10
30
kV/
µsTA = 25°C,
18
11,
Mode Transient Immunity
VCM = 1.5 kV
12
Output Low Level Common
|CML|
10
30
kV/
µs
18
11,
Mode Transient Immunity
13


Similar Part No. - HCPL-314J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-000E AVAGO-HCPL-314J-000E Datasheet
405Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J-300 HP-HCPL-314J-300 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-314J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com