Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX553B Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX553B
Description  5150-pixel CCD Linear Sensor B W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX553B Datasheet(HTML) 3 Page - Sony Corporation

  ILX553B Datasheet HTML 1Page - Sony Corporation ILX553B Datasheet HTML 2Page - Sony Corporation ILX553B Datasheet HTML 3Page - Sony Corporation ILX553B Datasheet HTML 4Page - Sony Corporation ILX553B Datasheet HTML 5Page - Sony Corporation ILX553B Datasheet HTML 6Page - Sony Corporation ILX553B Datasheet HTML 7Page - Sony Corporation ILX553B Datasheet HTML 8Page - Sony Corporation ILX553B Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
ILX553B
Electrooptical Characteristics (Note 1)
Ta = 25°C, VDD = 12V, f
φR = 2MHz, Input clock = 5Vp-p,
Light source = 3200K, IR cut filter CM-500S (t = 1.0mm)
Item
Min.
Sensitivity
Sensitivity nonuniformity
Saturation output voltage
Saturation exposure
Dark voltage average
Dark signal nonuniformity
Image lag
Supply current
Total transfer efficiency
Output impedance
Offset level
11.8
1
92
Typ.
14.8
4
2
0.14
0.3
0.6
0.02
15
98
230
6.2
Max.
17.8
10
2
3
30
Unit
V/(lx · s)
%
V
lx · s
mV
mV
%
mA
%
V
Symbol
R
PRNU
VSAT
SER
VDRK
DSNU
IL
IVDD
TTE
ZO
VOS
Remarks
Note 2
Note 3
Note 4
Note 5
Note 6
Note 7
Note 8
Notes
1) In accordance with the given electrooptical characteristics, the even black level is defined as the average
value of D14, D15, to D62.
2) For the sensitivity test light is applied with a uniform intensity of illumination.
3) PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT = 500mV (Typ.)
PRNU =
× 100 [%]
The maximum output of 5150 pixels is set to VMAX, the minimum output to VMIN and the average output to
VAVE.
4) Use below the minimum value of the saturation output voltage.
5) Saturation exposure is defined as follows.
SE =
6) Optical signal accumulated time
τ int stands at 10ms.
7) VOUT = 500mV (Typ.)
8) VOS is defined as indicated bellow.
(VMAX – VMIN)/2
VAVE
VSAT
R
VOS
VOUT
GND


Similar Part No. - ILX553B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
More results

Similar Description - ILX553B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
   5150-pixel CCD Linear Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
   5150-pixel CCD Linear Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com