Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE28F320B3BC70 Datasheet(PDF) 10 Page - Intel Corporation

Part # GE28F320B3BC70
Description  3 Volt Advanced Boot Block Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F320B3BC70 Datasheet(HTML) 10 Page - Intel Corporation

Back Button GE28F320B3BC70 Datasheet HTML 6Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 7Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 8Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 9Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 10Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 11Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 12Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 13Page - Intel Corporation GE28F320B3BC70 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
4
3UHOLPLQDU\
0580_02
NOTE: Lower densities will have NC on the upper address pins. For example, an 16-Mbit device will have NC
on Pins 9 and 10.
0580_04
NOTES:
1. Shaded connections indicate the upgrade address connections. Lower density devices will not have the
upper address solder balls. Routing is not recommended in this area. A20 is the upgrade address for the
16-Mbit device.
2. 4-Mbit density not available in
µBGA* CSP.
Figure 2. 48-Lead TSOP Package for x16 Configurations
Advanced Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
16
V
CCQ
GND
DQ
15
DQ
7
DQ
14
DQ
6
DQ
13
DQ
5
DQ
12
DQ
4
V
CC
DQ
11
DQ
3
DQ
10
DQ
2
DQ
9
DQ
1
DQ
8
DQ
0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A
15
A
14
A
13
A
12
A
11
A
10
A
9
A
8
A
21
A
20
WE#
RP#
V
PP
WP#
A
19
A
18
A
17
A
7
A
6
A
5
21
22
23
24
OE#
GND
CE#
A
0
28
27
26
25
A
4
A
3
A
2
A
1
32 M
16 M
64 M
Figure 3. x8 48-Ball µBGA* Chip Size Package (Top View, Ball Down)
A
14
A
15
A
16
A
17
V
CCQ
A
12
A
10
A
13
NC
A
11
A
8
WE#
A
9
D
5
D
6
V
PP
RP#
NC
NC
WP#
A
19
D
2
D
3
A
20
A
18
A
6
NC
NC
A
7
A
5
A
3
CE#
D
0
A
4
A
2
A
1
A
0
GND
GND
D
7
NC
D
4
V
CC
NC
D
1
OE#
A
B
C
D
E
F
13
25
47
68
16M
8M


Similar Part No. - GE28F320B3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F320C3BA70 INTEL-GE28F320C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BC70 INTEL-GE28F320C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BC90 INTEL-GE28F320C3BC90 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BD70 INTEL-GE28F320C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3TA70 INTEL-GE28F320C3TA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - GE28F320B3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com