Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6262 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6262
Description  DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6262 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6262 Datasheet HTML 6Page - OKI electronic componets MSM6262 Datasheet HTML 7Page - OKI electronic componets MSM6262 Datasheet HTML 8Page - OKI electronic componets MSM6262 Datasheet HTML 9Page - OKI electronic componets MSM6262 Datasheet HTML 10Page - OKI electronic componets MSM6262 Datasheet HTML 11Page - OKI electronic componets MSM6262 Datasheet HTML 12Page - OKI electronic componets MSM6262 Datasheet HTML 13Page - OKI electronic componets MSM6262 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
¡ Semiconductor
MSM6262-xx
10/52
TIMING DIAGRAM
Interface with 80 Series CPU
(VDD = 4.5 to 5.5V, Ta = –20 to +75°C)
Parameter
Symbol
Min.
Max.
Unit
Address Set-up Time
CS Set-up Time
WR "L" Pulse Width
RD "L" Pulse Width
WR, RD "H" Pulse Width
Address Hold Time
CS Hold Time
Data Set-up Time
Data Hold Time (Write operation)
WR, RD Fall Time
WR, RD Rise Time
Data Delay Time
Data Hold Time (Read operation)
Busy Output Delay Time
tSA1
tSA2
tWWR
tWRD
tWH
tHA1
tHA2
tSWD
tHWD
tf
tr
tSRD
tHRD
tBD
110
100
320
320
210
25
25
300
20
––
––
––
0
––
––
––
––
––
––
––
––
––
––
25
25
190
––
410
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns


Similar Part No. - MSM6262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
   DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
More results

Similar Description - MSM6262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
   DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
   DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com