Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5228ELT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ5228ELT3
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5228ELT3 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ5228ELT3 Datasheet HTML 1Page - ON Semiconductor MMBZ5228ELT3 Datasheet HTML 2Page - ON Semiconductor MMBZ5228ELT3 Datasheet HTML 3Page - ON Semiconductor MMBZ5228ELT3 Datasheet HTML 4Page - ON Semiconductor MMBZ5228ELT3 Datasheet HTML 5Page - ON Semiconductor MMBZ5228ELT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBZ5221ELT1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 4)
Zener Impedance
Leakage Current
Device
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5221ELT1G,T3G†
BE2
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5226ELT1,T3
BE7
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5228ELT1,T3
BE9
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229ELT1,T3
BF1
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230ELT1,T3
BF2
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231ELT1,T3
BF3
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232ELT1,T3
BF4
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5234ELT1,T3
BF6
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235ELT1,T3
BF7
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236ELT1,T3
BF8
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237ELT1,T3
BF9
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5239ELT1,T3
BG2
8.65
9.1
9.55
20
10
600
0.25
3
7
MMBZ5240ELT1,T3
BG3
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5242ELT1,T3
BG5
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243ELT1,T3
BG6
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244ELT1,T3
BG7
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245ELT1,T3
BG8
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246ELT1*
BG9
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5248ELT1,T3
BH2
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5250ELT1,T3
BH4
19.00
20
21.00
6.2
25
600
0.25
0.1
15
Devices listed in
bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
†The “G’’ suffix indicates Pb−Free package available.
*Not Available in the 10,0000/Tape & Reel.


Similar Part No. - MMBZ5228ELT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5228ELT3G ONSEMI-MMBZ5228ELT3G Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5228ELT3G ONSEMI-MMBZ5228ELT3G Datasheet
167Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 8
More results

Similar Description - MMBZ5228ELT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com