Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2841ACIM25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM2841ACIM25
Description  150mA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2841ACIM25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM2841ACIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2841ACIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CM2841
150mA CMOS LDO WITH EN & PG
2004/05/14 Rev. 1.3
Champion Microelectronic Corporation
Page 5
DETAILED DESCRIPTION
The CM2841 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection, output short circuit protection, thermal shutdown, and power good function.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, short output protection, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current
and Thermal shutdown circuits become active when the junction temperature exceeds 150℃, or the current exceeds 150mA.
During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops
below 120℃.
The CM2841 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents
over-stress. The CM2841 also incorporates current fold-back to reduce power dissipation when the output is short-circuited. This
feature becomes active when the output drops below 0.95V, and reduces the current flow by 65%. Full current is restored when
the voltage exceeds 0.95V.
EXTERNAL CAPACITOR
The CM2841 is stable with an output capacitor to ground of 2.2µF or greater. It can keep stable even with higher or poor ESR
capacitors. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be
larger than 0.1µF to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A “quiet” ground
termination is desirable.
ENABLE
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shut off, and all internal circuits are
powered down. In this state, the quiescent current is less than 1µA. This pin behaves much like an electronic switch.
POWER GOOD
The CM2841 includes the Power Good feature. Normally, Pin 4 is “Low”, however, when the output is less than 15% of the
specified voltage, it pulls low. This can occur under the following conditions:
1)
Input Voltage too low
2)
During Over-Temperature
3)
During Over-Current


Similar Part No. - CM2841ACIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2843 ETC-CM2843 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843ABIM25 ETC-CM2843ABIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843ACIM25 ETC-CM2843ACIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843AIM25 ETC-CM2843AIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843GABIM25 ETC-CM2843GABIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
More results

Similar Description - CM2841ACIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2843 ETC-CM2843 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
   150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
   150mA CMOS LDO with Enable
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com