Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5380EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 2Page - Analog Devices AD5380EB Datasheet HTML 3Page - Analog Devices AD5380EB Datasheet HTML 4Page - Analog Devices AD5380EB Datasheet HTML 5Page - Analog Devices AD5380EB Datasheet HTML 6Page - Analog Devices AD5380EB Datasheet HTML 7Page - Analog Devices AD5380EB Datasheet HTML 8Page - Analog Devices AD5380EB Datasheet HTML 9Page - Analog Devices AD5380EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–6–
SERIAL INTERFACE
Parameter
1,2,3
Limit at TMIN, TMAX
Units
Description
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
13
ns min
SYNC Falling Edge to SCLK Falling Edge Setup
Time
t5
4
13
ns min
24th SCLK Falling Edge to
SYNC Falling Edge
t6
4
33
ns min
Minimum
SYNC Low Time
t7
10
ns min
Minimum
SYNC High Time
t7A
50
ns min
Minimum
SYNC High Time in Readback Mode
t8
5
ns min
Data Setup Time
t9
4.5
ns min
Data Hold Time
t10
4,5
30
ns max
24th SCLK Falling Edge to
BUSY Falling Edge
t11
900
ns typ
BUSY Pulse Width Low (Single Channel Update)
t12
4
20
ns min
24th SCLK Falling Edge to
LDAC Falling Edge
t13
20
ns min
LDAC Pulse Width Low
t14
100
ns max
BUSY Rising Edge to DAC Output Response Time
t15
0
ns min
BUSY Rising Edge to LDAC Falling Edge
t16
100
ns min
LDAC Falling Edge to DAC Output Response Time
t17
8
µs typ
DAC Output Settling Time, Boost Mode off.
t18
20
ns min
CLR Pulse Width Low
t19
12
µs max
CLR Pulse Activation Time
t20
6,7
20
ns max
SCLK Rising Edge to SDO Valid
t21
7
5
ns min
SCLK Falling Edge to
SYNC Rising Edge
t22
7
8
ns min
SYNC Rising Edge to SCLK Rising Edge
t23
7
20
ns min
SYNC Rising Edge to LDAC Falling Edge
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with t
r = tf = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3See Figures 3 and 4
4Stand-Alone Mode only.
5This is measured with the load circuit of Figure 1a.
6This is measured with the load circuit of Figure 1b.
7Daisy-Chain Mode only.
Specifications subject to change without notice.
(DVDD= 2.7V to 5.5V ; AVDD=+4.5V to +5.5V or +2.7V to +3.6V; AGND= DGND = 0 V; )
All specifications TMIN to TMAX unless otherwise noted.)
TIMING CHARACTERISTICS
I
OL
200u A
I
OH
200u A
C
L
50pF
TO
OUT P UT
PIN
VOH (M IN) or
VOL (MAX)
CL
50pF
RL
2.2k
TO
OUTPUT
PIN
VOL
VCC
Figure 1a Load Circuit for
BUSY Timing Diagram
Figure 1b. Load Circuit for SDO Timing Diagram
(Serial Interface, Daisy-Chain mode)


Similar Part No. - AD5380EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BSTZ-3 AD-AD5380BSTZ-3 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

Similar Description - AD5380EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
logo
Maxim Integrated Produc...
MAX5234-MAX5235 MAXIM-MAX5234-MAX5235 Datasheet
565Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Rev 0; 1/02
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5236 MAXIM-MAX5236 Datasheet
553Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Rev 0; 1/02
logo
Analog Devices
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
logo
Maxim Integrated Produc...
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com