Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5380BST-5 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5380BST-5
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380BST-5 Datasheet(HTML) 2 Page - Analog Devices

  AD5380BST-5 Datasheet HTML 1Page - Analog Devices AD5380BST-5 Datasheet HTML 2Page - Analog Devices AD5380BST-5 Datasheet HTML 3Page - Analog Devices AD5380BST-5 Datasheet HTML 4Page - Analog Devices AD5380BST-5 Datasheet HTML 5Page - Analog Devices AD5380BST-5 Datasheet HTML 6Page - Analog Devices AD5380BST-5 Datasheet HTML 7Page - Analog Devices AD5380BST-5 Datasheet HTML 8Page - Analog Devices AD5380BST-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–2–
Parameter
AD5380-5
1
Units
Test Conditions/Comments
ACCURACY
Resolution
1 4
Bits
Relative Accuracy
3
± 4
LSB max
Differential Nonlinearity
-1/+2
LSB max
Guaranteed Monotonic Over Temp
Zero-Scale Error
± 1 0
mV max
Offset Error
± 1 0
mV max
Measured at code 32 in the linear region
Offset Error TC
± 5
uV/°C typ
Gain Error
±0.02
% FSR max
Gain Temperature Coefficient
2
2 0
ppm FSR/°C typ
DC Crosstalk
2
0 . 5
LSBmax
REFERENCEINPUT/OUTPUT
REFERENCE
INPUT
2
Reference Input Voltage
2 . 5
V
±1% for Specified Performance
DC Input Impedance
1
M
Ω min
Typically 100 M
Input Current
± 1 0
µA max
Typically ±30 nA
Reference Range
1/VDD/2
V min/max
REFERENCE
OUTPUT
4
Output Voltage
2.495/2.505
V min/max
At Ambient
1.248/1.252
V min/max
Reference TC
± 1 0
ppm/°C typ
OUTPUT
CHARACTERISTICS
2
Output Voltage Range
3
0/AVDD
V min/max
Short Circuit Current
4 0
mA max
Load Current
± 1
mA max
Capacitive Load Stability
RL=
2 0 0
pF max
RL=5kΩ
T B D
pF max
DC Output Impedance
0 . 5
Ω max
MONITOR
PIN
Output Impedance
5 0 0
Ω typ
Tristate Leakage Current
1 0 0
nA typ
LOGIC INPUTS (EXCEPT SDA/SCL)
2
DVDD = 2.7 V to 5.5 V
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0 . 8
V max
Input Current
± 1 0
µA max
Total for All Pins. TA=TMIN to TMAX
Pin Capacitance
1 0
pF max
LOGIC INPUTS (SCL, SDA ONLY)
VIH, Input High Voltage
0.7 DVDD
V min
SMBus-Compatible at DVDD < 3.6 V
VIL, Input Low Voltage
0.3 DVDD
V max
SMBus-Compatible at DVDD < 3.6 V
IIN, Input Leakage Current
±1
µ A
VHYST, Input Hysteresis
0.05 DVDD
V
CIN, Input Capacitance
8
pF
Glitch Rejection
5 0
ns
Input filtering suppresses noise spikes of
less than 50 ns.
LOGIC OUTPUTS (
BUSY,SDO)2
VOL, Output Low Voltage
0 . 4
V max
DVDD= 5V ± 10%, Sinking 200µA
VOH, Output High Voltage
DV DD-1
V min
DVDD= 5V ± 10%, Sourcing
200 µ A
VOL, Output Low Voltage
0 . 4
V max
DVDD= 2.7V to 3.6V, Sinking
200 µ A
VOH, Output High Voltage
DVDD-0.5
V min
DVDD= 2.7V to 3.6V, Sourcing
200 µ A
High Impedance Leakage Current
± 1
µA max
SDO Only
High Impedance Output Capacitance
5
pF typ
SDO Only
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
µ A
Three-State Output Capacitance
8
pF
AD5380-5–SPECIFICATIONS
(AVDD = 4.5V to 5.5V ; DVDD=2.7V to 5.5V, AGND=DGND = 0 V; CL = 200 pF to AGND; RL =
5k
Ω ; External REFIN=2.5V; All specifications T
MIN to TMAX unless otherwise noted.)


Similar Part No. - AD5380BST-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5380BST-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
logo
Maxim Integrated Produc...
MAX5234-MAX5235 MAXIM-MAX5234-MAX5235 Datasheet
565Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Rev 0; 1/02
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5236 MAXIM-MAX5236 Datasheet
553Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Rev 0; 1/02
logo
Analog Devices
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
logo
Maxim Integrated Produc...
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com