Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5237ELT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ5237ELT1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5237ELT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ5237ELT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5237ELT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5237ELT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5237ELT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5237ELT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5237ELT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ5221ELT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 5)
Zener Impedance
Leakage Current
Device
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5252ELT1*
BH6
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMBZ5253ELT1,T3
BH7
23.75
25
26.25
5
35
600
0.25
0.1
19
MMBZ5254ELT1,T3
BH8
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMBZ5255ELT1,T3
BH9
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMBZ5256ELT1,T3
BJ1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMBZ5257ELT1,T3
BJ2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMBZ5258ELT1,T3
BJ3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMBZ5262ELT1,T3
BJ7
48.45
51
53.55
2.5
125
1100
0.25
0.1
37
MMBZ5263ELT1,T3
BJ8
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMBZ5265ELT1
BK1
58.90
62
65.10
2
185
1400
0.25
0.1
47
Devices listed in
bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
5. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Not Available in the 10,0000/Tape & Reel.


Similar Part No. - MMBZ5237ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5237ELT1 ONSEMI-MMBZ5237ELT1 Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5237ELT1 ONSEMI-MMBZ5237ELT1 Datasheet
167Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 8
MMBZ5237ELT1G ONSEMI-MMBZ5237ELT1G Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5237ELT1T3G ONSEMI-MMBZ5237ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5237ELT1T3G ONSEMI-MMBZ5237ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5237ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com