Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6222 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6222
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6222 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6222 Datasheet HTML 6Page - OKI electronic componets MSM6222 Datasheet HTML 7Page - OKI electronic componets MSM6222 Datasheet HTML 8Page - OKI electronic componets MSM6222 Datasheet HTML 9Page - OKI electronic componets MSM6222 Datasheet HTML 10Page - OKI electronic componets MSM6222 Datasheet HTML 11Page - OKI electronic componets MSM6222 Datasheet HTML 12Page - OKI electronic componets MSM6222 Datasheet HTML 13Page - OKI electronic componets MSM6222 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
MSM6222B-xx
¡ Semiconductor
10/45
Switching Characteristics
• Timing for input from the CPU
Parameter
R/W and RS set-up time
Symbol
Min.
Typ.
Max.
Unit
tB
140
ns
E "H" pulse width
tW
280
ns
R/W and RS holding time
tA
10——
ns
E rise time
tr
——25
ns
E fall time
tf
——25
ns
E "L" pulse width
tL
280
ns
E cycle time
tC
667
ns
DB0 to DB7 input data set-up time
tI
180
ns
DB0 to DB7 input data holding time
tH
10——
ns
(VDD = 4.5 to 5.5V, Ta = –20 to +75°C)
DB0 - DB7
R/W
RS
E
tr
VIL
VIH
VIH
VIL
VIL
VIH
VIL
VIH
Input data
tC
VIL
tL
tA
tW
VIL
VIH
VIL
VIH
VIL
tB
tf
tI
tH
VIL


Similar Part No. - MSM6222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
More results

Similar Description - MSM6222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
logo
OKI electronic componet...
MSM6262 OKI-MSM6262 Datasheet
383Kb / 52P
   DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com