Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


XC74WL125ASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part No. XC74WL125ASR
Description  XC74WL125ASR is Dual Bus Buffer manufactured using silicon gate CMOS processes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

   
 3 page
background image
■Switching Electrical Characteristics
PARAMETER
Note: tosLH and tosHL are the guaranteed parameters.
tosLH = | tPLHm - tPHLn | , tosHL = | tPHLm - tPHLn |
SYMBOL
CONDITIONS
Propagation Delay Time
Input Capacitance
tPHL
Output Enable Time
Output Disable Time
Output Pin Skew
(Note)
tPLH
tZH
Cpd
Power Dissipation Capacitance
RL=1kΩ
CL=15pF
RL=1kΩ
CL=50pF
RL=1kΩ
CL=15pF
CL=50pF
CL=15pF
CL=50pF
CL=15pF
RL=1kΩ
CL=50pF
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
Ta=25℃
Ta=−40∼85℃
9.5
6.5
13
8.5
9.5
6.5
13
8.5
9.5
6
13
8
9.5
6
13
8
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
8
5.5
11.5
7.5
8
5.5
11.5
7.5
8
5.1
11.5
7.1
8
5.1
11.5
7.1
10
5.6
3.8
8.1
5.3
5.6
3.8
8.1
5.3
5.4
3.6
7.9
5.1
5.4
3.6
7.9
5.1
14
4
CIN
Output Capacitance
6
COUT
tZL
VCC(V)
UNITS
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
pF
pF
pF
(tr=tf=3ns)
tosLH
tosHL
RL=1kΩ
CL=50pF
RL=1kΩ
CL=50pF
CL=50pF
CL=50pF
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
15
10
15
10
1.5
1
1.5
1
1
1
1
1
13.2
8.8
13.2
8.8
1.5
1
1.5
1
9.5
6.1
9.5
6.1
tLZ
tHZ
MIN
TYP
MAX
MAX
MIN
■Noise Characteristics
( tr=tf=3ns )
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
UNITS
CL
VCC(V)
Not functioning output maximum dynamic VOL
VOLP
50pF
5.0
0.3
0.8
V
V
Not functioning output minimum dynamic VOL
VOLV
50pF
5.0
−0.8
−0.3
Minimum dynamic VIH
VIHD
50pF
5.0
3.5
V
Maximum dynamic VIL
VILD
50pF
5.0
1.5
V
MIN
TYP
MAX
XC74WL125ASR
922
13
13S_11XC74WL(125ASR) 02.09.12 15:59 ページ 922




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XC74WL14AASRTriple Schmit Inverter manufactured Using silicon Gate CMOS Processes 1 2 3 Torex Semiconductor
XC74UL02AAThe XC74UL02AA is a 2-input CMOS NOR gate manufactured using silicon gate CMOS fabrication. 1 2 3 Torex Semiconductor
KIC7W126FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 KEC(Korea Electronics)
XC74WL126ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
KIC7WZ125FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 4 KEC(Korea Electronics)
XC74WL241ASRCMOS Logic Dual Bus Buffer 1 2 3 4 5 Torex Semiconductor
HD74HCT1G32High Speed CMOS two input OR gate Using Silicon Gate CMOS Process 1 2 3 4 5 MoreRenesas Technology Corp
KIC7WZ126FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 4 KEC(Korea Electronics)
HD74HCT1G04High speed CMOS inverter using silicon gate CMOS process 1 2 3 4 5 MoreHitachi Semiconductor
KIC7WZ240FKSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT DUAL BUS BUFFER 1 2 3 4 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl