Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F016B3BA110 Datasheet(PDF) 8 Page - Intel Corporation

Part # GT28F016B3BA110
Description  3 Volt Advanced Boot Block Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F016B3BA110 Datasheet(HTML) 8 Page - Intel Corporation

Back Button GT28F016B3BA110 Datasheet HTML 4Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 5Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 6Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 7Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 8Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 9Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 10Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 11Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
2
3UHOLPLQDU\
1.1
Product Overview
Intel provides the most flexible voltage solution in the flash industry, providing three discrete
voltage supply pins: VCC for read operation, VCCQ for output swing, and VPP for program and
erase operation. All 3 Volt Advanced Boot Block flash memory products provide program/erase
capability at 2.7 V or 12 V (for fast production programming) and read with VCC at 2.7 V. Since
many designs read from the flash memory a large percentage of the time, 2.7 V VCC operation can
provide substantial power savings.
The 3 Volt Advanced Boot Block flash memory products are available in either x8 or x16 packages
in the following densities: (see Section 6.0, “Ordering Information” on page 34 for availability.)
4-Mbit (4,194,304-bit) flash memory organized as 256 Kwords of 16 bits each or 512 Kbytes
of 8-bits each
8-Mbit (8,388,608-bit) flash memory organized as 512 Kwords of 16 bits each or 1024 Kbytes
of 8-bits each
16-Mbit (16,777,216-bit) flash memory organized as 1024 Kwords of 16 bits each or
2048 Kbytes of 8-bits each
32-Mbit (33,554,432-bit) flash memory organized as 2048 Kwords of 16 bits each
64-Mbit (67,108,864-bit) flash memory organized as 4096 Kwords of 16 bits each
The parameter blocks are located at either the top (denoted by -T suffix) or the bottom (-B suffix)
of the address map in order to accommodate different microprocessor protocols for kernel code
location. The upper two (or lower two) parameter blocks can be locked to provide complete code
security for system initialization code. Locking and unlocking is controlled by WP# (see Section
3.3, “Block Locking” on page 14 for details).
The Command User Interface (CUI) serves as the interface between the microprocessor or
microcontroller and the internal operation of the flash memory. The internal Write State Machine
(WSM) automatically executes the algorithms and timings necessary for program and erase
operations, including verification, thereby un-burdening the microprocessor or microcontroller.
The status register indicates the status of the WSM by signifying block erase or word program
completion and status.
The 3 Volt Advanced Boot Block flash memory is also designed with an Automatic Power Savings
(APS) feature which minimizes system current drain, allowing for very low power designs. This
mode is entered following the completion of a read cycle (approximately 300 ns later).
The RP# pin provides additional protection against unwanted command writes that may occur
during system reset and power-up/down sequences due to invalid system bus conditions (see
Section 3.6, “Power-Up/Down Operation” on page 16).
Section 3.0, “Principles of Operation” on page 7 gives detailed explanation of the different modes
of operation. Complete current and voltage specifications can be found in Section 4.4, “DC
Characteristics” on page 20. Refer to Section 4.5, “AC Characteristics —Read Operations” on
page 23 for read, program and erase performance specifications.


Similar Part No. - GT28F016B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F016B3BA110 INTEL-GT28F016B3BA110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - GT28F016B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com