Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C11SA-TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C11SA-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C11SA-TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C11SA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C11SA-TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Figure 7. WRSR Instruction Timing
DESIGN CONSIDERATIONS
The CAT25C11/03/05/09/17 powers up in a write dis-
able state and in a low power standby mode. A WREN
instruction must be issued to perform any writes to the
device after power up. Also,on power up
CS should be
brought low to enter a ready state and receive an
instruction. After a successful byte/page write or status
register write the CAT25C11/03/05/09/17 goes into a
write disable mode.
CS must be set high after the proper
number of clock cycles to start an internal write cycle.
Access to the array during an internal write cycle is
ignored and programming is continued. On power up,
SO is in a high impedance. If an invalid op code is
Figure 8. Page Write Instruction Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Note: Dashed Line= mode (1, 1) – –––
Note: Dashed Line= mode (1, 1) – – – –
received, no data will be shifted into the CAT25C11/03/
05/09/17, and the serial output pin (SO) will remain in a
high impedance state until the falling edge of
CS is
detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT25C11/03/05/09/17 will be reset
when power is ramped back up. If this is not possible,
then, following a brown-out episode, the CAT25C11/
03/05/09/17 can be reset by refreshing the contents of
the Status Register (See Application Note AN10).
SK
SI
SO
00
00
X*
0
1
0
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
*Please check the Byte Address Table.
AN
A0
*X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05


Similar Part No. - CAT25C11SA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11SATE13 CATALYST-CAT25C11SATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C11SA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com