Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2305-1WI Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2305-1WI
Description  3.3V Zero-Delay Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2305-1WI Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2305-1WI Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2305-1WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2305-1WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2305-1WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2305-1WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2305-1WI Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS9477A
06/06/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2305-1
3.3V Zero-Delay Buffer
Electrical Characteristics (Over operating conditions)
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
)
3
(
——
8
.
0
V
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
)
3
(
—0
.
2—
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV N
I
=V
0—
0
.
0
5
A
µ
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV N
I
=V D
D
—0
.
0
0
2
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
O
)
4
(
I L
O
)
1
-
5
0
3
2
(
A
m
8
=
I L
O
)
H
1
-
5
0
3
2
(
A
m
2
1
=
—4
.
0
V
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O
)
4
(
I H
O
)
1
-
5
0
3
2
(
A
m
8
=
I H
O
)
H
1
-
5
0
3
2
(
A
m
2
1
=
4
.
2—
I D
D
)
e
d
o
m
D
P
(t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
D
r
e
w
o
Pz
H
M
0
=
F
E
R—
0
.
0
5A
µ
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S,
z
H
M
6
6
.
6
6
,
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U—
0
.
0
5A
m
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
t
i
n
U
V D
D
e
g
a
t
l
o
V
y
l
p
p
u
S3
6
.
3V
TA
)
H
1
-
5
0
3
2
,
5
0
3
2
()
t
n
e
i
b
m
A
(
e
r
u
t
a
r
e
p
m
e
T
l
a
i
c
r
e
m
m
o
C0
0
7
C
º
TA
)
I
H
1
-
5
0
3
2
-
I
5
0
3
2
()
t
n
e
i
b
m
A
(
e
r
u
t
a
r
e
p
m
e
T
l
a
i
r
t
s
u
d
n
I0
4
–5
8
CL
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
0
3
F
p
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
7
Operating Conditions
Notes:
3. REF and CLK0 inputs have a threshhold voltage of VDD/2.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - PI6C2305-1WI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2302-WI PERICOM-PI6C2302-WI Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2302W PERICOM-PI6C2302W Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HL PERICOM-PI6C2308-1HL Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2305-1WI

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com