Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1311 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SCH1311
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1311 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SCH1311 Datasheet HTML 1Page - Sanyo Semicon Device SCH1311 Datasheet HTML 2Page - Sanyo Semicon Device SCH1311 Datasheet HTML 3Page - Sanyo Semicon Device SCH1311 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCH1311
No.8102-3/4
0
0
--2
--4
--6
--8
5.0
4.5
4.0
2.0
2.5
3.0
3.5
0.5
1.0
1.5
--10
Total Gate Charge, Qg -- nC
VGS -- Qg
IT02750
1.0
3
--0.1
57
--1.0
23
5
7
23
100
7
5
3
2
7
5
3
2
10
Drain Current, ID -- A
SW Time -- ID
VDD= --15V
VGS= --10V
td(on)
td(off)
tr
tf
IT02748
0
10
--5
100
--10
1000
7
5
3
2
7
5
3
2
--30
--25
--20
--15
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT02749
Drain Current, ID -- A
IT02746
--0.01
0.1
--0.1
--1.0
23
5
7
23
5
7
2
3
5
5
1.0
7
5
3
2
3
2
yfs -- ID
VDS= --10V
25°
C
Ta=
--25
°C
IT02747
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.4
--1.2
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
Diode Forward Voltage, VSD -- V
IF -- VSD
VGS=0
VDS= --10V
ID= --1.5A
IT08153
A S O
Drain-to-Source Voltage, VDS -- V
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
--0.01
23
5 7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
25
3
IDP= --6A
ID= --1.5A
Operation in this
area is limited by RDS(on).
100ms
100
µ
s
1ms
10ms
<10
µs
0.2
0.4
0.6
0.8
1.0
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
PD -- Ta
IT08147
Mounted
on
a ceramic
board
(900mm
2!
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm)
75
°C


Similar Part No. - SCH1311

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1301 SANYO-SCH1301 Datasheet
37Kb / 4P
   General-Purpose Switching Device Applications
SCH1301-TL-E SANYO-SCH1301-TL-E Datasheet
37Kb / 4P
   General-Purpose Switching Device Applications
SCH1302 SANYO-SCH1302 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
SCH1302 SANYO-SCH1302 Datasheet
33Kb / 4P
   Ultrahigh-Speed Switching Applications
SCH1302-TL-E SANYO-SCH1302-TL-E Datasheet
33Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - SCH1311

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com