Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5265-3.0YD5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5265-3.0YD5
Description  150mA uCap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5265-3.0YD5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5265-3.0YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5265-3.0YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5265
April 2005
4
M9999-041505
(408) 955-1690
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN).................................... 0V to +7V
Enable Input Voltage (VEN1) ................................. 0V to +7V
Power Dissipation (PD) .......................... Internally Limited
(3)
Junction Temperature (TJ) ...........................-40°C to 125°C
Lead Temperature (soldering, #sec.) ...........-55°C to 150°C
Storage Temperature (Ts) .......................................... 260°C
EDS Rating
(4)................................................................. 2kV
Operating Ratings
(2)
Supply Input Voltage (VIN)............................ +2.7V to +5.5V
Enable Input Voltage (VEN)................................... 0V to +VIN
Junction Temperature (TA) ........................ –40°C to +125°C
Junction Thermal Resistance
Thin SOT-23-5 (
θ
JA) ......................................... 235°C/W
Electrical Characteristics
(5)
VEN = VIN = VOUT + 1V; IL =100µA; CL = 1.0µF; CBYP = 0.01µF per output; TA = 25°C, bold values indicate –40°C< TA <
+85°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
IOUT = 100µA
-2
-3
2
3
%
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.05
0.2
%
Load Regulation
IOUT = 0.1mA to 150mA
2
3
%
Dropout Voltage
IOUT = 50mA
IOUT = 150mA
75
210
500
mV
mV
Quiescent Current
VEN < 0.2V
0.2
2
µA
Ground Pin Current
IOUT = 0mA
IOUT = 150mA
75
80
120
150
µA
µA
PSRR (Ripple Rejection)
f = 100Hz, CBYP = 0.1µF, ILOAD – 50mA
f = 1kHz, CBYP = 0.1µF, ILOAD – 50mA
f = 10kHz, CBYP = 0.1µF, ILOAD – 50mA
62
64
64
dB
dB
dB
Current Limit
VOUT = 0V
225
mA
Output Noise
COUT = 1.0µF, CBYP = 0.1µF, f = 10Hz to
100kHz
57
µV
(rms)
Enable Input (EN1 and EN2)
Enable Input Logic Low
VIN = 2.7V to 5.5V, regulator shutdown
0.2
V
Enable Input Logic High
VIN = 2.7V to 5.5V, regulator enabled
1.6
V
Enable Input Current
VIL < 0.4V, regulator shutdown
VIH > 1.6V, regulator enabled
0.01
0.01
µA
µA
Thermal Shutdown
Thermal Shutdown Temperature
150
°C
Hysteresis
10
°C
Turn-on/Turn-off Characteristics
Turn-on Time
40
150
µs
Discharge Resistance
500
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max)–TA)/
θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The
θJA of the MIC5265x.xYD5 (all
versions) is 235
°C/W on a PC board (see ”Thermal Considerations” section for further details).
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5.
Specification for packaged product only.


Similar Part No. - MIC5265-3.0YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265-3.0YD5 MICREL-MIC5265-3.0YD5 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
More results

Similar Description - MIC5265-3.0YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com