Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2305-1 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2305-1
Description  3.3V Zero-Delay Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2305-1 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2305-1 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2305-1 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2305-1 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2305-1 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2305-1 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2305-1 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS9477A
06/06/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2305-1
3.3V Zero-Delay Buffer
Notes:
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.
5. For definition of t1-8, see Switching Waveforms on page 5.
s
r
e
t
e
m
a
r
a
Pe
m
a
Ns
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
F
K
L
C
y
c
n
e
u
q
e
r
F
t
u
p
t
u
Od
a
o
l
F
p
0
30
10
0
1z
H
M
e
l
c
y
C
y
t
u
D
)
4
(
t
= 2
t
÷ 1
V
t
a
d
e
r
u
s
a
e
M
D
D
,
2
/
FOUT
z
H
M
6
6
.
6
6
<
5
40
55
5
%
e
l
c
y
C
y
t
u
D
)
4
(
t
= 2
t
÷ 1
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
F
T
U
O
z
H
M
5
4
0
40
50
6
t3
e
m
i
T
e
s
i
R
)
4
(
F
p
0
3
@
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
V
0
.
2
d
n
a
V
8
.
0
5
.
2
s
n
t3
e
m
i
T
e
s
i
R
)
4
(
)
H
(
F
p
0
3
@
5
.
1
t4
e
m
i
T
l
l
a
F
)
4
(
F
p
0
3
@
5
.
2
t4
e
m
i
T
l
l
a
F
)
4
(
)
H
(
F
p
0
3
@
5
.
1
t5
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
4
(
d
e
d
a
o
l
y
l
l
a
u
q
e
s
t
u
p
t
u
o
l
l
A0
5
2
s
p
t6
o
t
e
g
d
E
g
n
i
s
i
R
F
E
R
,
y
a
l
e
D
e
g
d
E
g
n
i
s
i
R
0
K
L
C
)
4
(
V
t
a
d
e
r
u
s
a
e
M
D
D
2
/0
0
5
3
±
t7
w
e
k
S
e
c
i
v
e
D
o
t
e
c
i
v
e
D
)
4
(
V
t
a
d
e
r
u
s
a
e
M
D
D
e
h
t
n
o
2
/
s
e
c
i
v
e
d
f
o
s
n
i
p
t
u
p
t
u
o
00
0
7
t8
e
t
a
R
w
e
l
S
t
u
p
t
u
O
)
4
(
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
#
t
i
u
c
r
i
C
t
s
e
T
g
n
i
s
u
e
c
i
v
e
d
H
-
n
o
1s
n
/
V
tJ
r
e
t
t
i
J
e
l
c
y
C
o
t
e
l
c
y
C
)
4
(
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M
s
t
u
p
t
u
o
d
e
d
a
o
l
0
0
2s
p
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
4
(
s
k
c
o
l
c
d
i
l
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
s
n
i
p
F
E
R
n
o
d
e
t
n
e
s
e
r
p
0
.
1s
m
Switching Characteristics(4, 5) (Over operating conditions)


Similar Part No. - PI6C2305-1

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2302-WI PERICOM-PI6C2302-WI Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2302W PERICOM-PI6C2302W Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HL PERICOM-PI6C2308-1HL Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2305-1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com