Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC2PD-K0644 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZC2PD-K0644
Description  Power Splitter/Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC2PD-K0644 Datasheet(HTML) 2 Page - Mini-Circuits

  ZC2PD-K0644 Datasheet HTML 1Page - Mini-Circuits ZC2PD-K0644 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Electrical Specifications at 25°C
2 Way-0°
50Ω
6000 to 40000 MHz
REV. OR
M170780
ZC2PD-K0644+
GY/CP/AM
181031
Features
• Super wideband, 6000 - 40000 MHz
• Low insertion loss, 0.7 dB typ.
• Low amplitude unbalance, 0.03 dB typ.
• Excellent VSWR, 1.12:1 typ.
• High isolation, 29 dB typ.
Applications
• 5G
• Fixed satellite
• Space research
• Mobile
ZC2PD-K0644+
Connectors
Model
2.92mm-Fem
ZC2PD-K0644+
CASE STYLE: UU2624-3
3.0
3.5
4.0
4.5
5.0
5.5
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
ZC2PD-K0644+
TOTAL LOSS
S-1 (dB)
S-2 (dB)
0
10
20
30
40
50
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
ZC2PD-K0644+
ISOLATION
1.0
1.1
1.2
1.3
1.4
1.5
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
ZC2PD-K0644+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Typical Performance Data
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
6000
3.13
3.20
0.06
21.96
0.82
1.02
1.16
1.17
8000
3.22
3.27
0.05
25.57
1.05
1.09
1.18
1.18
10000
3.29
3.35
0.06
25.41
1.30
1.08
1.10
1.10
12000
3.38
3.44
0.06
32.25
1.58
1.12
1.19
1.20
14000
3.43
3.50
0.07
27.71
1.81
1.06
1.15
1.19
18000
3.55
3.61
0.06
30.51
2.19
1.04
1.15
1.14
20000
3.61
3.67
0.06
28.36
2.54
1.09
1.14
1.13
22000
3.69
3.76
0.07
32.80
2.86
1.20
1.21
1.21
24000
3.73
3.81
0.08
27.07
3.10
1.18
1.07
1.06
26000
3.75
3.84
0.09
26.92
3.30
1.05
1.06
1.07
30000
3.91
4.01
0.10
25.17
3.81
1.26
1.16
1.17
34000
3.98
4.09
0.11
28.23
4.29
1.18
1.14
1.21
36000
4.03
4.13
0.10
29.96
4.45
1.16
1.14
1.21
38000
4.07
4.18
0.11
42.98
4.65
1.13
1.11
1.12
40000
4.14
4.26
0.12
27.66
4.93
1.19
1.09
1.09
1. Total Loss = Insertion Loss + 3dB splitter theoretical loss.
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
1.15
1.06
.50
.575
.883
.089
.25
29.21 26.92 12.70 14.61 22.43
2.26
6.35
H
J
K
wt
.094
.56
.43
grams
2.39 14.22 10.92
50
A
B
C
3X 2.92mm OR
SMA
FEMALE CONN.
2X ØH, THRU
J
G
E
D
K MAX.
F
G
S
1
2
PORT S
RF+DC
PORT 1
RF+DC
PORT 2
RF+DC
DC THROUGH
Electrical Schematic
Coaxial Connections
Sum Port
S
Port 1
1
Port 2
2
Maximum Ratings
Permanent damage may occur if any of these limits are exceeded.
* Derate linearly to 8.2W at 100°C
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
20W* max.
Internal Dissipation
0.45W max.
DC Current
400 mA
Power Splitter/Combiner
DC Pass, High Power
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
6000
40000
MHz
Insertion Loss Above 3.0 dB
6000 - 18000
0.5
1.0
dB
18000 - 26500
0.7
1.2
26500 - 40000
1.1
1.6
Isolation
6000 - 18000
17
29
dB
18000 - 26500
18
29
26500 - 40000
18
30
Phase Unbalance
6000 - 18000
0.7
3
Degree
18000 - 26500
1.3
4
26500 - 40000
2.0
5
Amplitude Unbalance
6000 - 18000
0.03
0.2
dB
18000 - 26500
0.03
0.2
26500 - 40000
0.06
0.3
VSWR (Port S)
6000 - 18000
1.08
1.5
:1
18000 - 26500
1.11
1.6
26500 - 40000
1.17
1.6
VSWR (Port 1-2)
6000 - 18000
1.13
1.5
:1
18000 - 26500
1.12
1.6
26500 - 40000
1.14
1.6


Similar Part No. - ZC2PD-K0644

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZC2PD-K0144 MINI-ZC2PD-K0144 Datasheet
265Kb / 2P
   Power Splitter/Combiner
ZC2PD-K0144++ MINI-ZC2PD-K0144+ Datasheet
265Kb / 2P
   Power Splitter/Combiner
ZC2PD-K0244 MINI-ZC2PD-K0244 Datasheet
250Kb / 2P
   Power Splitter/Combiner
ZC2PD-K0244++ MINI-ZC2PD-K0244+ Datasheet
250Kb / 2P
   Power Splitter/Combiner
More results

Similar Description - ZC2PD-K0644

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com