Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C03YI-TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C03YI-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C03YI-TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C03YI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
FUNCTIONAL DESCRIPTION
The CAT25C11/03/05/09/17 supports the SPI bus data
transmission protocol. The synchronous Serial Periph-
eral Interface (SPI) helps the CAT25C11/03/05/09/17 to
interface directly with many of today’s popular
microcontrollers. The CAT25C11/03/05/09/17 contains
an 8-bit instruction register. (The instruction set and the
operation codes are detailed in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 X011(1)
Read Data from Memory
WRITE
0000 X010(1)
Write Data to Memory
INSTRUCTION SET
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
25C11/03/05/09/17.Input data is latched on the rising
edge of the serial clock for SPI modes (0, 0 & 1, 1).
SO: Serial Output
SO is the serial data output pin. This pin is used to transfer
data out of the 25C11/03/05/09/17. During a read cycle,
data is shifted out on the falling edge of the serial clock for
Figure 1. Sychronous Data Timing
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI
Note: Dashed Line= mode (1, 1) – – – –
Note:
(1) X=0 for 25C11, 25C03, 25C09, 25C17. X=A8 for 25C05
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT25C03YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03YITE13 CATALYST-CAT25C03YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C03YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com