Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24142ZC-01 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24142ZC-01
Description  MediaClock Multimedia Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24142ZC-01 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24142ZC-01 Datasheet HTML 1Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 2Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 3Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 4Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 5Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 6Page - Cypress Semiconductor CY24142ZC-01 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY24142
Document #: 38-07532 Rev. *B
Page 3 of 7
Absolute Maximum Conditions
(Above which the useful life may be impaired. For user guide-
lines, not tested.
Supply Voltage (VDD, AVDD, VDDL) ...................–0.5 to +7.0V
DC Input Voltage...................................... –0.5V to VDD + 0.5
Storage Temperature (Non-Condensing).... –55
°C to +125°C
Junction Temperature ................................ –40
°C to +125°C
Data Retention @ Tj=125
°C..................................> 10 years
Package Power Dissipation...................................... 350 mW
ESD (Human Body Model) MIL-STD-883.................... 2000V
Recommended Crystal Specifications
Parameter
Description
Comments
Min.
Typ.
Max.
Unit
FNOM
Nominal crystal frequency
Parallel resonance, fundamental mode, AT cut
18.432
MHz
CLNOM
Nominal load capacitance
14
pF
R1
Equivalent series resistance
(ESR)
Fundamental mode
25
R3/R1
Ratio of third overtone mode ESR
to fundamental mode ESR
Ratio used because typical R1values are much
less than the maximum spec
3
DL
Crystal drive level
No external series resistor assumed
0.5
2
mW
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD, AVDD, VDDL Supply Voltage
3.15
3.45
3.6
V
TA
Ambient Temperature
0
85
°C
CLOAD
Max. Load Capacitance
15
pF
TPU
Power-up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOH[2]
Output High Current
VOH = VDD – 0.5, VDD/VDDL = 3.45V
12
24
mA
IOL[2]
Output Low Current
VOL = 0.5, VDD/VDDL = 3.45V
12
24
mA
IIH
Input High Current
VIH = VDD
50
µA
IIL
Input Low Current
VIL = 0V
5
10
µA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0.3
VDD
IVDD
Supply Current
AVDD/VDD Current
25
mA
IVDDL
Supply Current
VDDL Current
20
mA
RDOWN
Pull-down resistor on Inputs
VDD = 3.15 to 3.6V, measured VIN = 3.45V
100
150
k
CXTAL[2]
Crystal Load Capacitance
Total effective load of internal load caps
12.9
pF
Cycle-Cycle Jitter Specifications (VDD = 3.15V – 3.6V)
Parameter
Description
Conditions
1
σ
Typ.
Max.
Unit
t9
Clock Jitter–peak-peak
Cycle-Cycle Jitter–18.432 MHz
20
120
200
ps
t9
Clock Jitter–peak-peak
Cycle-Cycle Jitter–54 MHz
40
150
250
ps
t9
Clock Jitter–peak-peak
Cycle-Cycle Jitter–13.5 MHz
20
120
200
ps
Note:
2. Guaranteed by characterization, not 100% tested.


Similar Part No. - CY24142ZC-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24141ZC-3 CYPRESS-CY24141ZC-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results

Similar Description - CY24142ZC-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
logo
Rohm
BU2381FV ROHM-BU2381FV Datasheet
51Kb / 5P
   Multimedia ICs Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com