Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2162 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA2162
Description  Silicon PNP epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA2162 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA2162 Datasheet HTML 1Page - Panasonic Semiconductor 2SA2162 Datasheet HTML 2Page - Panasonic Semiconductor 2SA2162 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA2162
2
SJC00323AED
PC  Ta
IC  VCE
IC  VBE
VCE(sat)  IC
hFE  IC
Cob  VCB
0
20 40
60 80 100 120 140
0
20
40
60
80
100
120
2SA2162_ PC-Ta
Ambient temperature Ta (°C)
0
0.5 −1.0 −1.5 −2.0 −2.5 −3.0
0
10
20
30
40
50
60
70
2SA2162_ IC-VCE
Collector-emitter voltage VCE (V)
140 µA
120 µA
100 µA
80 µA
60 µA
40 µA
20 µA
IB = −160 µA
Ta = 25°C
0 − 0.2 − 0.4 − 0.6 − 0.8 −1.0 −1.2 −1.4
0
10
20
30
40
50
60
100
70
80
90
2SA2162_ IC-VBE
Base-emitter voltage VBE (V)
VCE = −2 V
Ta = 85°C
25°C
25°C
0.1
−1
−10
−100
−1 000
0.01
0.1
1
2SA2162_ VCE(sat)-IC
Collector current IC (mA)
IC / IB = 20
Ta = 85°C
25°C
25°C
−1
−10
−100
−1 000
0
100
200
300
400
500
600
2SA2162_ hFE-IC
Collector current IC (mA)
VCE = −2V
Ta = 85°C
25°C
25°C
0
5
10
1
10
100
2SA2162_ Cob-VCB
Collector-base voltage VCB (V)
f = 1 MHz
Ta = 25°C


Similar Part No. - 2SA2162

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA2164 PANASONIC-2SA2164 Datasheet
463Kb / 3P
   Silicon PNP epitaxial planar type For high-frequency amplification
logo
Isahaya Electronics Cor...
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166 Datasheet
115Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166 Datasheet
121Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166_08 Datasheet
115Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - 2SA2162

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com