Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV630 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89PV630
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV630 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89PV630 Datasheet HTML 1Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 2Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 3Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DS07-12531-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89630R Series
MB89635R/T635R/636R/637R/T637R
MB89P637/W637/PV630
s OUTLINE
The MB89630R series has been developed as a general-purpose version of the F2MC*-8L family consisting of
proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as
dual-clock control system, five operating speed control stages, a UART, timers, a PWM timer, a serial interface,
an A/D converter, an external interrupt, and a watch prescaler.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
• High-speed operating capability at low voltage
• Minimum execution time: 0.4
µs@3.5 V, 0.8 µs@2.7 V
•F2MC-8L family CPU core
• Five types of timers
8-bit PWM timer: 2 channels (Also usable as a reload timer)
8-bit pulse-width count timer (Continuous measurement capable, applicable to remote control, etc.)
16-bit timer/counter
21-bit timebase timer
•UART
CLK-synchronous/CLK-asynchronous data transfer capable (6, 7, and 8 bits)
• Serial interface
Switchable transfer direction to allows communication with various equipment.
• 10-bit A/D converter
Start by an external input capable
(Continued)
Multiplication and division instructions
16-bit arithmetic operations
Test and branch instructions
Bit manipulation instructions, etc.
Instruction set optimized for controllers


Similar Part No. - MB89PV630

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV630 FUJITSU-MB89PV630 Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
MB89PV630 FUJITSU-MB89PV630 Datasheet
865Kb / 59P
   8-bit Proprietary Microcontroller
MB89PV630C-SH FUJITSU-MB89PV630C-SH Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
MB89PV630C-SH FUJITSU-MB89PV630C-SH Datasheet
865Kb / 59P
   8-bit Proprietary Microcontroller
MB89PV630CF FUJITSU-MB89PV630CF Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV630

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com