Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP195VTITR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY100EP195VTITR
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP195VTITR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY100EP195VTITR Datasheet HTML 6Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 7Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 8Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 9Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 10Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 11Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 12Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 13Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
ECL Pro®
SY100EP195V
Micrel
M0643-121504
Invalid
Invalid
Invalid
VCC
VIH(MAX)
VIH(MIN)
VIL(MAX)
Logic High
VIL(MIN)
0V
Logic Low
Figure 4a. Input Levels, PECL
Invalid
Invalid
Invalid
VCC
VIH(MIN)
VIL(MAX)
Logic High
0V
Logic Low
Figure 4b. Input Levels, CMOS, TTL
Invalid
Invalid
Invalid
0V
VIH(MAX)
VIH(MIN)
VIL(MAX)
Logic High
VIL(MIN)
VEE
Logic Low
Figure 4c. Input Levels, NECL
VIHCMR
0V
IN
/IN
Figure 5a. Input Common Mode, PECL, LVPECL
VIHCMR
VIHCMR
0V
IN
/IN
Figure 5b. Input Common Mode, NECL


Similar Part No. - SY100EP195VTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195VTITR MICREL-SY100EP195VTITR Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
More results

Similar Description - SY100EP195VTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195V MICREL-SY100EP195V_06 Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
SY100EP196V_0607 MICREL-SY100EP196V_0607 Datasheet
640Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com