Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7447RX733NB Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC7447RX733NB
Description  PPC7457RX1000NB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7447RX733NB Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC7447RX733NB Datasheet HTML 4Page - Motorola, Inc MC7447RX733NB Datasheet HTML 5Page - Motorola, Inc MC7447RX733NB Datasheet HTML 6Page - Motorola, Inc MC7447RX733NB Datasheet HTML 7Page - Motorola, Inc MC7447RX733NB Datasheet HTML 8Page - Motorola, Inc MC7447RX733NB Datasheet HTML 9Page - Motorola, Inc MC7447RX733NB Datasheet HTML 10Page - Motorola, Inc MC7447RX733NB Datasheet HTML 11Page - Motorola, Inc MC7447RX733NB Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MOTOROLA
MPC7457 Part Number Specification for the MPC74x7RXnnnnNx Series
11
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Rev. No.
Substantive Change(s)
0
Initial release.
0.1
Edited introductory paragraphs to clarify which part numbers are affected by this specification.
1
Corrected product code in part numbers on page 1 and in Table A.
Updated power consumption specifications in Table 7.
Corrected product code in Section 1.11 and Table 21.
2
Added “MC7447...” part numbers to reflect qualification status.
Table 8: Increased maximum system bus frequency (fSYSCLK) to 167 MHz.
Table 9: Corrected numerous errors in lists of pins associated with tKHOV, tKHOX, tIVKH, and tIXKH.
Updated (improved) AC timing parameters based on latest characterization data.
Added 867, 733, and 600 MHz speed grades.
Removed Tables 10, 13, and 14: devices described by this specification conform to the AC timing found
in the MPC7457 hardware specifications.
Corrected typo in Figure 29: 7447 device was incorrectly marked...RX10000NB.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC7447RX733NB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7447RX733NB NXP-MC7447RX733NB Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com