Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIR1700 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIR1700
Description  DIGITAL AUDIO INTERFACE RECEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR1700 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DIR1700 Datasheet HTML 1Page - Burr-Brown (TI) DIR1700 Datasheet HTML 2Page - Burr-Brown (TI) DIR1700 Datasheet HTML 3Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
2
DIR1700
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
DIR1700E
28-Lead SSOP
324
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
DIR1700E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL FILTER PERFORMANCE
Input Logic Level: VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
VIH2(2)
70% VDD
VDC
VIL2(2)
30% VDD
VDC
VIH3(3)
TBD
VDC
VIL3(3)
TBD
VDC
Output Logic Level: VOH(4)
IO = 2mA
VDD 0.4
VDC
VOL(4)
IO = –4mA
0.5
VDC
Input Leakage Current: IIN
±1.0
±10
µA
Input Sampling Frequency: fS
+32
96
kHz
System Clock Frequency SCLK(5)
8.192
256, 384, 512fS
36.864
MHz
SCLK Clock Jitter
100
ps rms
SCLK Duty Cycle
50
%
Crystal Resonator Frequency
8.192
24.576
MHz
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VCC
+4.5
+5
+5.5
VDC
Supply Current: IA (VCC)
TBD
mA
ID (VDD)
TBD
mA
Power Consumption
PD
TBD
mA
NOTES: (1) Except CLKSEL DIN; TTL Compatible. (2) CLKSEL. (3) DIN, CMOS Logic Level. (4) Pins 6-8, 11-21, and 23. (5) fS is defined as the incoming audio
sampling frequency per channel. (6) DIR1700 without load at SCLK, LRCK, BCK, DAT. Power supply current varies with system clock frequency.
SPECIFICATIONS—Preliminary
All specifications at +25
°C and V
CA = VCP = VDD = +5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Supply Voltages: +VDD ...................................................................... ±6.5V
+VCC ..................................................................... ±6.5V
Input Voltage ................................................................. –0.3 to VDD +0.3V
Input Current ...................................................................................
±10mA
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature Range .......................................... –55
°C to +125°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE INFORMATION


Similar Part No. - DIR1700

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701E BURR-BROWN-DIR1701E Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701E2K BURR-BROWN-DIR1701E2K Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
DIR1703 TI-DIR1703 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR1700

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com