Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVR465 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AVR465
Description  Single-Phase Power/Energy Meter with Tamper Detection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR465 Datasheet(HTML) 2 Page - ATMEL Corporation

  AVR465 Datasheet HTML 1Page - ATMEL Corporation AVR465 Datasheet HTML 2Page - ATMEL Corporation AVR465 Datasheet HTML 3Page - ATMEL Corporation AVR465 Datasheet HTML 4Page - ATMEL Corporation AVR465 Datasheet HTML 5Page - ATMEL Corporation AVR465 Datasheet HTML 6Page - ATMEL Corporation AVR465 Datasheet HTML 7Page - ATMEL Corporation AVR465 Datasheet HTML 8Page - ATMEL Corporation AVR465 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
AVR465
2566A-AVR-07/04
Overview
Power meters are sometimes referred to as energy meters and vice versa. Per
definition, (active) power is a measure of what is required (or consumed) in order to
perform useful work. For example, a light bulb with a 100W rating consumes 100
watts of active power in order to create light (and heat). Energy, per definition, is the
measure of how much work has been required over a known period of time. In the
light bulb example, leaving the bulb on for an hour it will consume 100W * 3600s =
360000Ws (watt-seconds) = 100Wh (watt-hours) = 0.1kWh (kilowatt-hours) of energy.
The meter described in this application note can be referred to as a power meter, an
energy meter or a kilowatt-hour meter. The Energy Pulse output (EP) is a ready
indication of active power, as registered by the meter; the frequency of the pulse is
directly proportional to active power. Integrating pulses over time gives active energy.
For storage purposes, the meter includes two pulse outputs (DPP and DPN) to
directly drive various display counters. All pulse outputs are easy to configure for any
reasonable rate. The default is 10.000 impulses per kilowatt-hour for the EP output
and 100 impulses per kilowatt-hour for the DPP/DPN pulses.
Not only pulse rates are readily adjusted; All measurement results can be calibrated
in the digital domain, removing the need for any trimming components. This includes
adjustments to compensate for phase delays in current transformers. The calibration
event can be automated, removing the time-consuming manual trimming required in
traditional, electromechanical meters. Digital calibration is fast and efficient, reducing
the overall production time and cost. Calibration coefficients are safely stored in the
internal EEPROM, further reducing the need for external devices.
The brain of the meter is the firmware, which is provided open source. Although it
includes all the functionality required for a tamper-proof, single-phase meter, it can be
modified and updated at any time. Even in the field. The firmware is entirely written in
C, which makes modifications easy to implement. Integrity and intellectual property
are yet easy to secure using Lock Bits of the AVR microcontroller.
Meter Hardware
The energy meter hardware consists of a power supply, an analog front end, a
microcontroller section, and an interface section.
The meter described in this application note connects to high currents and high
voltages. High currents and high voltages may be hazardous, even lethal. Hence, the
meter should be operated by qualified technicians only. Atmel takes no responsibility
for any consequence that may result from the use of this document or the application
described herein.
Warning:
Shock Hazard


Similar Part No. - AVR465

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR401 ATMEL-AVR401 Datasheet
120Kb / 12P
   8-bit Precision A/D Converter
AVR4013 ATMEL-AVR4013 Datasheet
99Kb / 7P
   Sleep modes PRR registers Oscillator calibration USART
More results

Similar Description - AVR465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
   Programmable single phase energy metering IC with tamper detection
logo
Sames
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
   PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
   Programmable single-phase energy metering IC with tamper detection
February 2017
logo
Sames
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
   Programmable single-phase energy metering IC with tamper detection
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com