Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N010-0510-T211 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. N010-0510-T211
Description  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 5 page
background image
5
FID-550 SERIES
s
7.0 REJECT CRITERIA
n
o
i
t
p
i
r
c
s
e
Da
i
r
e
t
i
r
C
t
c
e
j
e
R
t
n
e
D
m
li
F
m
m
1
.
0
a
e
r
A
2
m
m
5
0
.
0
a
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
i
f
i
c
e
p
s
e
n
o
n
:
n
g
i
e
r
o
F
l
a
i
r
e
t
a
m
n
e
e
w
t
e
b
m
li
f
d
n
a
s
s
a
l
g
e
p
y
t
t
o
D
m
m
1
.
0
>
a
e
r
A
2
m
m
5
0
.
0
a
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
i
f
i
c
e
p
s
e
n
o
n
:
e
p
y
t
e
n
i
L
m
m
1
.
0
a
e
r
A
m
m
0
1
<
h
t
g
n
e
l
d
n
a
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a
e
r
A
m
m
5
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
i
f
i
c
e
p
s
e
n
o
n
:
h
c
t
a
r
c
S
m
m
1
.
0
a
e
r
A
m
m
0
8
<
h
t
g
n
e
l
h
t
i
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a
e
r
A
m
m
0
3
<
h
t
g
n
e
l
h
t
i
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
i
f
i
c
e
p
s
e
n
o
n
:
t
a
o
c
d
r
a
h
r
o
r
u
l
b
t
o
D
g
n
i
s
s
i
m
m
m
5
.
0
a
e
r
A
2
m
m
3
0
.
0
a
e
r
A
2
m
m
5
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
i
f
i
c
e
p
s
e
n
o
n
:
g
n
i
R
n
o
t
w
e
N
3
(
p
m
a
l
t
n
e
c
s
e
r
o
u
l
f
a
r
e
d
n
u
e
d
i
s
m
li
f
l
e
n
a
P
m
o
r
f
n
e
e
s
e
b
t
o
n
t
s
u
m
e
s
e
h
T
.
e
d
i
s
s
s
a
l
g
m
r
o
f
d
e
i
f
i
r
e
v
e
b
o
t
t
o
N
.
)
p
m
a
l
e
p
y
t
h
t
g
n
e
l
e
v
a
w
w
a
l
f
s
s
a
l
G
e
h
T
.
m
a
r
g
a
i
d
g
n
i
w
o
ll
o
f
e
h
t
n
i
n
w
o
h
s
t
a
h
t
n
a
h
t
r
e
g
g
i
b
s
i
h
c
i
h
w
w
a
l
f
o
n
e
b
o
T
.
d
e
i
f
i
c
e
p
s
t
o
n
s
i
s
w
a
l
f
f
o
r
e
b
m
u
n
s
8.0 GENERAL POINTS OF CAUTION
Touch panels are made of glass, so care must be taken in handling them. Do not stress, pile, bend, lift by the
cable or put any stress on the film, for example moving by film face vacuum. In order to clean wring dry a
cloth which has been emersed in a natural detergent. DO NOT use any organic solvent, acid or alkali solu-
tion. Watch the edge of the panel when cleaning, again for safety reasons.
2mm
2mm
5mm
3mm




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N16B-0558-B240Resistive Touch Panel Specification 1 2 3 4 5 MoreFujitsu Component Limited.
ATP0644-3SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
AR764612-bit Touch Panel Controller IC whit Temperature Sensor 1 2 3 List of Unclassifed Manufacturers
ACX706AKMPortrait-type 8.9 cm 3.5-type QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter 1 2 List of Unclassifed Manufacturers
ATP154-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
CRS1An Analog Touch Panel Controller Chip Through Serial CRS1-656 PS/2 CRS1-685 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATP0574-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
PD035OX1This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1. 1 2 3 4 5 MoreAZ Displays
AR764312-bit Touch Panel Controller IC 1 2 3 List of Unclassifed Manufacturers
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl