Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5022-BM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SI5022-BM
Description  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5022-BM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI5022-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5022-BM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Si 50 22 /Si 5 0 2 3
10
Preliminary Rev. 0.46
Figure 5. Si5022/23 Typical Application Circuit
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 2.8 (Si5022)
–0.5 to 3.5 (Si5023)
V
LVTTL Input Voltage
VDIG
–0.3 to 3.6
V
Differential Input Voltages
VDIF
–0.3 to (VDD+ 0.3)
V
Maximum Current any output PIN
±50
mA
Operating Junction Temperature
TJCT
–55 to 150
°C
Storage Temperature Range
TSTG
–55 to 150
°C
Lead Temperature (soldering 10 seconds)
300
°C
ESD HBM Tolerance (100 pf, 1.5 k
Ω)1
kV
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
ϕ
JA
Still Air
38
°C/W
REFCLK+
REFCLK–
DIN+
DIN–
High Speed
Serial Input
System
Reference
Clock
CLKOUT+
CLKOUT–
DOUT+
DOUT–
0.1
µ
µµ
µF
Recovered
Data
Recovered
Clock
LVTTL
Control Inputs
2
Si5022/23
2200 pF
20 pF
10 k
VDD
Loss-of-Lock
Indicator
Loss-of-Signal
Indicator
BER Alarm
Indicator
Data Slice
Level Set
Bit Error Rate
Level Set
Loss-of-Signal
Level Set
(Optional)


Similar Part No. - SI5022-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5022-BM SILABS-Si5022-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5022-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com