Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2292FZT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2292FZT
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292FZT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2292FZT Datasheet HTML 1Page - Cypress Semiconductor CY2292FZT Datasheet HTML 2Page - Cypress Semiconductor CY2292FZT Datasheet HTML 3Page - Cypress Semiconductor CY2292FZT Datasheet HTML 4Page - Cypress Semiconductor CY2292FZT Datasheet HTML 5Page - Cypress Semiconductor CY2292FZT Datasheet HTML 6Page - Cypress Semiconductor CY2292FZT Datasheet HTML 7Page - Cypress Semiconductor CY2292FZT Datasheet HTML 8Page - Cypress Semiconductor CY2292FZT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *B
Page 3 of 11
Power-Saving Features
The SHUTDOWN/OE input three-states the outputs when
pulled LOW. If system shutdown is enabled, a LOW on this pin
also shuts off the PLLs, counters, the reference oscillator, and
all other active components. The resulting current on the VDD
pins will be less than 50
µA (for commercial temperature or
100
µA for industrial temperature). After leaving shutdown
mode, the PLLs will have to relock. All outputs have a weak
pull-down so that the outputs do not float when three-stated.[4]
The S2/SUSPEND input can be configured to shut down a
customizable set of outputs and/or PLLs, when LOW. All PLLs
and any of the outputs can be shut off in nearly any combi-
nation. The only limitation is that if a PLL is shut off, all outputs
derived from it must also be shut off. Suspending a PLL shuts
off all associated logic, while suspending an output simply
forces a three-state condition.[3]
The CPUCLK can slew (transition) smoothly between 20 MHz
and the maximum output frequency (100 MHz at 5V/80 MHz
at 3.3V for Commercial Temp. parts or 90 MHz at 5V/66.6 MHz
at 3.3V for Industrial Temp. and for field-programmed parts).
This feature is extremely useful in “Green” PC and laptop
applications, where reducing the frequency of operation can
result in considerable power savings. This feature meets all
486 and Pentium® processor slewing requirements.
CyClocks Software
CyClocks
 is an easy-to-use application that allows you to
configure any one of the EPROM-programmable clocks
offered by Cypress. You may specify the input frequency, PLL
and output frequencies, and different functional options.
Please note the output frequency ranges in this data sheet
when specifying them in CyClocks to ensure that you stay
within the limits. CyClocks also has a power calculation feature
that allows you to see the power consumption of your specific
configuration. You can download a copy of CyClocks for free
on Cypress’s web site at www.cypress.com.
Cypress FTG Programmer
The Cypress Frequency Timing Generator (FTG) Programmer
is a portable programmer designed to custom program our
family of EPROM Field Programmable Clock Devices. The
FTG programmers connect to a PC serial port and allow users
of CyClocks software to quickly and easily program any of the
CY2291F, CY2292F, CY2071AF, and CY2907F devices. The
ordering code for the Cypress FTG Programmer is CY3670.
Custom Configuration Request Procedure
The CY229x are EPROM-programmable devices that may be
configured in the factory or in the field by a Cypress Field Appli-
cation Engineer (FAE). The output frequencies requested will
be matched as closely as the internal PLL divider and multi-
plier options allow. All custom requests must be submitted to
your local Cypress FAE or sales representative. The method
to use to request custom configurations is:
Use CyClocks software. This software automatically calcu-
lates the output frequencies that can be generated by the
CY229x devices and provides a print-out of final pinout which
can be submitted (in electronic or print format) to your local
FAE or sales representative. The CyClocks software is
available free of charge from the Cypress web site
(http://www.cypress.com) or from your local sales represen-
tative.
Once the custom request has been processed you will receive
a part number with a 3-digit extension (e.g., CY2292SC-128)
specific to the frequencies and pinout of your device. This will
be the part number used for samples requests and production
orders.


Similar Part No. - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292FZT CYPRESS-CY2292FZT Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com