Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054CP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054CP
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054CP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LT1054CP Datasheet HTML 4Page - Texas Instruments LT1054CP Datasheet HTML 5Page - Texas Instruments LT1054CP Datasheet HTML 6Page - Texas Instruments LT1054CP Datasheet HTML 7Page - Texas Instruments LT1054CP Datasheet HTML 8Page - Texas Instruments LT1054CP Datasheet HTML 9Page - Texas Instruments LT1054CP Datasheet HTML 10Page - Texas Instruments LT1054CP Datasheet HTML 11Page - Texas Instruments LT1054CP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
A review of a basic switched-capacitor building block is helpful in understanding the operation of the LT1054. When
the switch shown in Figure 12 is in the left position, capacitor C1 charges to the voltage at V1. The total charge on
C1 is q1 = C1V1. When the switch is moved to the right, C1 is discharged to the voltage at V2. After this discharge
time, the charge on C1 is q2 = C1V2. The charge has been transferred from the source V1 to the output V2. The
amount of charge transferred is shown in equation 1.
Dq + q1 * q2 + C1(V1 * V2)
If the switch is cycled f times per second, the charge transfer per unit time (i.e., current) is as shown in equation 2.
I
+ f
Dq + f
C1(1
* V2)
To obtain an equivalent resistance for a switched-capacitor network, this equation can be rewritten in terms of voltage
and impedance equivalence as shown in equation 3.
I
+ V1 * V2
1 fC1
+ V1 * V2
R
EQUIV
C2
C1
V2
f
V1
RL
Figure 12. Switched-Capacitor Building Block
A new variable, REQUIV, is defined as REQUIV = 1 ÷ fC1. The equivalent circuit for the switched-capacitor network is
shown in Figure 13. The LT1054 has the same switching action as the basic switched-capacitor building block. Even
though this simplification does not include finite switch-on resistance and output-voltage ripple, it provides an insight
into how the device operates.
C2
V2
V1
RL
REQUIV
R
EQUIV +
1
fC1
Figure 13. Switched-Capacitor Equivalent Circuit
These simplified circuits explain voltage loss as a function of oscillator frequency (see Figure 7). As oscillator
frequency is decreased, the output impedance eventually is dominated by the 1/fC1 term, and voltage losses rise.
Voltage losses also rise as oscillator frequency increases. This is caused by internal switching losses that occur due
to some finite charge being lost on each switching cycle. This charge loss per-unit-cycle, when multiplied by the
switching frequency, becomes a current loss. At high frequency, this loss becomes significant and voltage losses
again rise.
The oscillator of the LT1054 is designed to operate in the frequency band where voltage losses are at a minimum.
(1)
(2)
(3)


Similar Part No. - LT1054CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054CP TI-LT1054CP Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CP TI-LT1054CP Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054CPE4 TI-LT1054CPE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CPE4 TI-LT1054CPE4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
More results

Similar Description - LT1054CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com