Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054IDW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054IDW
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054IDW Datasheet(HTML) 11 Page - Texas Instruments

Back Button LT1054IDW Datasheet HTML 7Page - Texas Instruments LT1054IDW Datasheet HTML 8Page - Texas Instruments LT1054IDW Datasheet HTML 9Page - Texas Instruments LT1054IDW Datasheet HTML 10Page - Texas Instruments LT1054IDW Datasheet HTML 11Page - Texas Instruments LT1054IDW Datasheet HTML 12Page - Texas Instruments LT1054IDW Datasheet HTML 13Page - Texas Instruments LT1054IDW Datasheet HTML 14Page - Texas Instruments LT1054IDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
regulation
The feedback/shutdown (FB/SD) terminal has two functions. Pulling FB/SD below the shutdown threshold
(
≈ 0.45 V) puts the device into shutdown. In shutdown, the reference/regulator is turned off and switching stops.
The switches are set such that both CIN and COUT are discharged through the output load. Quiescent current
in shutdown drops to approximately 100
µA. Any open-collector gate can be used to put the LT1054 into
shutdown. For normal (unregulated) operation, the device will restart when the external gate is shut off. In
LT1054 circuits that use the regulation feature, the external resistor divider can provide enough pulldown to keep
the device in shutdown until the output capacitor (COUT) has fully discharged. For most applications, where the
LT1054 is run intermittently, this does not present a problem because the discharge time of the output capacitor
is short compared to the off time of the device. In applications where the device has to start up before the output
capacitor (COUT) has fully discharged, a restart pulse must be applied to FB/SD of the LT1054. Using the circuit
shown in Figure 16, the restart signal can be either a pulse (tp > 100 µs) or a logic high. Diode coupling the restart
signal into FB/SD allows the output voltage to rise and regulate without overshoot. The resistor divider R3/R4
shown in Figure 16 should be chosen to provide a signal level at FB/SD of 0.7−1.1 V.
FB/SD also is the inverting input of the LT1054 error amplifier and, as such, can be used to obtain a regulated
output voltage.
VIN
R2
R1
R4
R3
Restart
Shutdown
C1
5
6
7
8
+
CIN
10-
µF
Tantalum
4
3
2
1
LT1054
VOUT
VREF
OSC
VCC
CAP−
GND
CAP+
FB/SD
VOUT
Where: R1 = 20 k
VREF = 2.5 V Nominal
+
2.2
µF
For example: To get VO = −5 V, referenced to the ground terminal of the LT1054
† Choose the closest 1% value.
Pin numbers shown are for the P package.
COUT
100-
µF
Tantalum
R2
+ R1
V
OUT
V
REF
2
* 40 mV
) 1
+ 20 kW
|–5 V|
2.5 V
2
* 40 mV
) 1
+ 102.6 kW
+
Figure 16. Basic Regulation Configuration


Similar Part No. - LT1054IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054IDW TI-LT1054IDW Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IDW TI-LT1054IDW Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054IDWG4 TI-LT1054IDWG4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IDWG4 TI-LT1054IDWG4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054IDWR TI-LT1054IDWR Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
More results

Similar Description - LT1054IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com