Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM56V16800DH Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM56V16800DH
Description  2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM56V16800DH Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM56V16800DH Datasheet HTML 4Page - OKI electronic componets MSM56V16800DH Datasheet HTML 5Page - OKI electronic componets MSM56V16800DH Datasheet HTML 6Page - OKI electronic componets MSM56V16800DH Datasheet HTML 7Page - OKI electronic componets MSM56V16800DH Datasheet HTML 8Page - OKI electronic componets MSM56V16800DH Datasheet HTML 9Page - OKI electronic componets MSM56V16800DH Datasheet HTML 10Page - OKI electronic componets MSM56V16800DH Datasheet HTML 11Page - OKI electronic componets MSM56V16800DH Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
¡ Semiconductor
MSM56V16800D/DH
8/30
AC Characteristics
Parameter
MSM56V16800D-10 MSM56V16800D-12 MSM56V16800DH-15
Clock Cycles Time
Access Time from
Clock
Clock "H" Pulse Time
Clock "L" Pulse Time
Input Setup Time
Input Hold Time
Output Low Impedance
Time from Clock
Output High Impedance
Time from Clock
Output Hold from Clock
RAS Cycle Time
RAS Precharge Time
RAS Active Time
Write Recovery Time
Write Command Input Time
from Output
Refresh Time
Power-down Exit Set-up Time
RAS to CAS Delay Time
CL = 3
CL = 2
CL = 3
CL = 1
Symbol
tCC
tAC
tCH
tCL
tSI
tHI
tRC
tRP
tRAS
tWR
tREF
tPDE
tRCD
tOLZ
tOHZ
Min.
10
15
3
3
3
1
100
30
60
15
tSI + 1 CLK
30
3
Max.
9
27
105
64
8
Min.
12
17.5
3
3
3
1
115
35
70
24
tSI + 1 CLK
35
3
Max.
10
30
105
64
10
Min.
15
15
3
3
3
1
105
30
70
15
tSI + 1 CLK
30
3
Max.
9
105
64
8
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
ns
ns
Note
3, 4
3, 4
lOWD
Cycle
RAS to RAS Bank Active
Delay Time
tRRD
20
24
24
ns
Input Level Transition Time
tT
—3
—3
—3
ns
tOH
3
3
3
ns
3
CAS to CAS Delay Time (Min.) lCCD
1
1
1
Cycle
11
1
Clock Disable Time from CKE
lCKE
Cycle
22
2
Data Output High Impedance
Time from DQM
lDOZ
Cycle
00
0
Data Input Mask Time from
DQM
lDOD
Cycle
00
0
Data Input Time from Write
Command
lDWD
Cycle
Data Output High
Impedance Time from
Precharge Command
lROH
1
1
Cycle
2
2
2
Cycle
CL = 1
CL > 1
33
3
Active Command Input Time from Mode
Register Set Command Input (Min.)
lMRD
Cycle
Note 1, 2
CL = 2
9
14
9
ns
3, 4
CL = 1
30
35
ns
22
2


Similar Part No. - MSM56V16800DH

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM56V16800E OKI-MSM56V16800E Datasheet
400Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800F OKI-MSM56V16800F Datasheet
2Mb / 30P
   2-Bank x 1,048,576 Word x 8 Bit SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - MSM56V16800DH

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM56V16800E OKI-MSM56V16800E Datasheet
400Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800F OKI-MSM56V16800F Datasheet
2Mb / 30P
   2-Bank x 1,048,576 Word x 8 Bit SYNCHRONOUS DYNAMIC RAM
MD56V62160 OKI-MD56V62160 Datasheet
305Kb / 28P
   4-Bank x 1,048,576-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
logo
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM72V66841CT LG-GM72V66841CT Datasheet
592Kb / 57P
    2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
logo
OKI electronic componet...
MSM56V16400D OKI-MSM56V16400D Datasheet
339Kb / 30P
   2-Bank X 2,097,152-Word X 4-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
GM72V161621ET ETC-GM72V161621ET Datasheet
538Kb / 12P
   524,288 word x 16 Bit x 2 Bank - SYNCHRONOUS DYNAMIC RAM(SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com