Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMH2405D Datasheet(PDF) 2 Page - C&D Technologies

Part # NMH2405D
Description  ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMH2405D Datasheet(HTML) 2 Page - C&D Technologies

  NMH2405D Datasheet HTML 1Page - C&D Technologies NMH2405D Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMH SERIES
Isolated 2W Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NMH.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PIN CONNECTIONS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=500V
1
10
G
Parameter
Conditions
MIN
TYP
MAX
Units
5V input types
95
Switching Frequency
12V input types
90
kHz
24 & 48V input types
80
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-50
130
°C
Case Temperature
5V output types
30
°C
Above Ambient
12V output types
25
Cooling
Free air convection
14 Pin DIP
PIN
1
GND
7
NC
8
0V
9
+V
11
–V
14
VIN
7 Pin SIP
PIN
1
VIN
2
GND
4
–V
5
0V
6
+V
PERFORMANCE CHARACTERISTICS
tolerance envelope
+10%
+5%
V nominal
temperature derating graph
4
3
2
1
0
+2.5%
–2.5%
– 7.5%
10
50
100
Output Load Current (%)
-40
0
50
100
150
Ambient Temperature (°C)
85°C
Safe Operating Area
19.50
9.80
MECHANICAL DIMENSIONS
7.70
15.24
1.09
2.13
7.62
4.60
3.60
0.55
0.45
0.55
0.45
2.54
19.50
7.50
10.0
1.88±0.50
1.25
12.70
4.60
3.60
2.54
All dimensions in mm XX.XX ±0.25mm. All pins on a
2.54mm pitch and within ±0.25mm of true position.
14 Pin DIP
Weight: 2.85g
7 Pin SIP
Weight: 2.76g
NMH0505D
XYYWWi
NMH0505S
XYYWWi
1 2
5
6
4
0.30
0.20
8
9
11
14
7
1
0.30
0.20


Similar Part No. - NMH2405D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMH2405DC MURATA-NMH2405DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMH2405DC MURATA-PS-NMH2405DC Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - NMH2405D

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com