Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3251 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3251
Description  Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3251 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3251 Datasheet HTML 1Page - Allegro MicroSystems A3251 Datasheet HTML 2Page - Allegro MicroSystems A3251 Datasheet HTML 3Page - Allegro MicroSystems A3251 Datasheet HTML 4Page - Allegro MicroSystems A3251 Datasheet HTML 5Page - Allegro MicroSystems A3251 Datasheet HTML 6Page - Allegro MicroSystems A3251 Datasheet HTML 7Page - Allegro MicroSystems A3251 Datasheet HTML 8Page - Allegro MicroSystems A3251 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
A3250 and A3251
A3250-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ......................................26.5 V
Reverse-Supply Voltage, VRCC ........................–18 V
Zener Overvoltage, VZ.......................................30 V
Output Current, IOUT.........................................20 mA
Magnetic Flux Density, B .........................Unlimited
Operating Temperature
Ambient, TA, Range J................. –40ºC to 115ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
On-chip protection against:
Supply transients
Output short-circuits
Reverse-battery condition
Field-Programmable, Chopper-Stabilized
Unipolar Hall-Effect Switches
Features and Benefits
The A3250 and A3251 are field-programmable, chopper-stabilized, unipolar Hall-
effect switches designed for use in high-temperature applications. These devices
use a chopper-stabilization technique to eliminate offset inherent in single-element
devices.
The A3250 and A3251 are externally programmable devices. The devices have a
wide range of programmability of the magnetic operate point (BOP) while the hys-
teresis remains fixed. This advanced feature allows for optimization of the sensor
switchpoint and can drastically reduce the effects of variations found in a produc-
tion environment, such as magnet and device placement tolerances.
These devices provide on-chip transient protection. A Zener clamp on the power
supply protects against overvoltage conditions on the supply line. These devices
also include short-circuit protection on the output.
The output of the A3250 switches LOW when subjected to a south-polarity mag-
netic field with a flux density that exceeds the threshold for BOP, and switches
HIGH when the field drops below the magnetic release point, BRP. The output of
the A3251 has the opposite polarity, switching HIGH in a south-polarity magnetic
field that BOP, and switching LOW when the field drops below BRP.
The other differences in the devices are the power-on state. The A3250 powers-on
in the HIGH state, while the A3251 powers-on in the LOW state.
These devices are available in a TO-92 three-lead ultra-mini SIP (Single In-line
Package), with either straight or formed and trimmed lead configuration.
1. VCC
2. GND
3. VOUT
Package UA, 3-pin SIP
Chopper stabilization for stable switchpoints
throughout operating temperature range
Externally programmable operate point
(through VCC pin)
On-board voltage regulator for 4.2 V to 24 V
operation
23
1
TL Option
Part Number
Package
TA
(ºC)
Bhys(typ)
(G)
VOUT
Power-On Running*
A3250JUA
A3250JUATL
Straight lead
Formed lead
–40 to 115
18
High
Low
A3250LUA
A3250LUATL
Straight lead
Formed lead
–40 to 150
13
A3251JUA
A3251JUATL
Straight lead
Formed lead
–40 to 115
18
Low
High
A3251LUA
A3251LUATL
Straight lead
Formed lead
–40 to 150
13
*In south polarity magnetic field of sufficient strength.
Use the following complete part numbers when ordering:


Similar Part No. - A3251

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3251 ALLEGRO-A3251 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251 ALLEGRO-A3251 Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251ELT-T ALLEGRO-A3251ELT-T Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251ELTTR-T ALLEGRO-A3251ELTTR-T Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251EUA-T ALLEGRO-A3251EUA-T Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A3251

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com