Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC07A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07A
Description  HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC07A Datasheet HTML 1Page - Texas Instruments SN74LVC07A Datasheet HTML 2Page - Texas Instruments SN74LVC07A Datasheet HTML 3Page - Texas Instruments SN74LVC07A Datasheet HTML 4Page - Texas Instruments SN74LVC07A Datasheet HTML 5Page - Texas Instruments SN74LVC07A Datasheet HTML 6Page - Texas Instruments SN74LVC07A Datasheet HTML 7Page - Texas Instruments SN74LVC07A Datasheet HTML 8Page - Texas Instruments SN74LVC07A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595P – OCTOBER 1997 – REVISED JANUARY 2007
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
5.6
1
3.4
3.3
1
3.6
1
2.6
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Power dissipation capacitance
Cpd
f = 10 MHz
1.8
2
2.5
3.78
pF
per buffer/driver
4
Submit Documentation Feedback


Similar Part No. - SN74LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
733Kb / 21P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
[Old version datasheet]   Hex Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com