Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM56V16160D Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM56V16160D
Description  2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM56V16160D Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM56V16160D Datasheet HTML 2Page - OKI electronic componets MSM56V16160D Datasheet HTML 3Page - OKI electronic componets MSM56V16160D Datasheet HTML 4Page - OKI electronic componets MSM56V16160D Datasheet HTML 5Page - OKI electronic componets MSM56V16160D Datasheet HTML 6Page - OKI electronic componets MSM56V16160D Datasheet HTML 7Page - OKI electronic componets MSM56V16160D Datasheet HTML 8Page - OKI electronic componets MSM56V16160D Datasheet HTML 9Page - OKI electronic componets MSM56V16160D Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
¡ Semiconductor
MSM56V16160D/DH
6/30
DC Characteristics
Parameter
Condition
Version
Unit Note
CKE
Others
Bank
D-10
D-12
DH-15
Symbol
Output High Voltage
Output Low Voltage
Input Leakage Current
2.4
–10
V
V
mA
IOH = –2 mA
IOL = 2 mA
VOH
VOL
ILI
0.4
10
2.4
–10
0.4
10
2.4
–10
0.4
10
Output Leakage Current
–10
mA
ILO
10 –10 10 –10 10
Min. Max. Min. Max. Min. Max.
Average Power
Supply Current
(Operating)
mA
1, 2
CKE ≥ VIH tCC = min
tRC = min
No Burst
One Bank
Active
ICC1
80
70
60
mA
1, 2
CKE ≥ VIH tCC = min
tRC = min
tRRD = min
No Burst
Both Banks
Active
ICC1D
115 —
95
80
Power Supply
Current (Stand by)
mA
3
CKE ≥ VIH tCC = min
Both Banks
Precharge
ICC2
35
30
25
Average Power
Supply Current
(Clock Suspension)
mA
2
CKE £ VIL tCC = min
Both Banks
Active
ICC3S
3
3
3
Power Supply
Current (Burst)
mA
1, 2
CKE ≥ VIH tCC = min
Both Banks
Active
ICC4
100 —
85
70
Power Supply
Current
(Auto-Refresh)
mA
2
CKE ≥ VIH tCC = min
tRC = min
One Bank
Active
ICC5
80
70
60
Average Power
Supply Current
(Self-Refresh)
mA
CKE £ VIL tCC = min
Both Banks
Precharge
ICC6
2
2
2
Average Power
Supply Current
(Power down)
mA
CKE £ VIL tCC = min
Both Banks
Precharge
ICC7
2
2
2
Average Power
Supply Current
(Active Stand by)
mA
3
CKE ≥ VIH tCC = min
One Bank
Active
ICC3
40
35
30
Notes:
1. Measured with outputs open.
2. The address and data can be changed once or left unchanged during one cycle.
3. The address and data can be changed once or left unchanged during two cycles.


Similar Part No. - MSM56V16160D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - MSM56V16160D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
GM72V161621ET ETC-GM72V161621ET Datasheet
538Kb / 12P
   524,288 word x 16 Bit x 2 Bank - SYNCHRONOUS DYNAMIC RAM(SDRAM)
logo
OKI electronic componet...
MD56V62320 OKI-MD56V62320 Datasheet
414Kb / 30P
   4-Bank x 524,288-Word x 32-Bit SYNCHRONOUS DYNAMIC RAM
MD56V62160 OKI-MD56V62160 Datasheet
305Kb / 28P
   4-Bank x 1,048,576-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16400D OKI-MSM56V16400D Datasheet
339Kb / 30P
   2-Bank X 2,097,152-Word X 4-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800D OKI-MSM56V16800D Datasheet
340Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800E OKI-MSM56V16800E Datasheet
400Kb / 30P
   2-Bank x 1,048,576-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16800F OKI-MSM56V16800F Datasheet
2Mb / 30P
   2-Bank x 1,048,576 Word x 8 Bit SYNCHRONOUS DYNAMIC RAM
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
logo
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com