Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V32128 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM54V32128
Description  131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V32128 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM54V32128 Datasheet HTML 4Page - OKI electronic componets MSM54V32128 Datasheet HTML 5Page - OKI electronic componets MSM54V32128 Datasheet HTML 6Page - OKI electronic componets MSM54V32128 Datasheet HTML 7Page - OKI electronic componets MSM54V32128 Datasheet HTML 8Page - OKI electronic componets MSM54V32128 Datasheet HTML 9Page - OKI electronic componets MSM54V32128 Datasheet HTML 10Page - OKI electronic componets MSM54V32128 Datasheet HTML 11Page - OKI electronic componets MSM54V32128 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/25
¡ Semiconductor
MSM54V32126/8
Notes:
1. An initial pause of 200 ms is required after power-up followed by any 8 RAS cycles
(Example : RAS only refresh) before proper device operation is achieved. In case of
using internal refresh counter, a minimum of 8CAS before RAS cycles instead of 8 RAS
cycles are required.
2. The AC characteristics assume at tT = 3 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring timing of input signals.
Also,transitiontimesaremeasuredbetweenVIHandVIL.InputlevelsattheACtesting
are 3.0 V/0 V.
4. Data outputs are measured with a load of 30 pF.
DOUT reference levels : VOH/VOL = 2.0 V/0.8 V.
5. tREZ (Max.), tCEZ (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the
outputs achieve the open circuit condition and are not referenced to output voltage
levels. This parameter is sampled and not 100% tested.
6. Either tRCH or tRRH must be satisfied for a read cycle.
7. These parameters are referenced to CAS leading edge of early write cycles and to WE
leading edge in OE controlled write cycles and read modify write cycles.
8. tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included
in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), the cycle is an
early write cycle and the data out pin will remain open circuit throughout the entire
cycle; If tRWD ≥ tRWD (Min.), tCWD ≥ tCWD (Min.) and tAWD ≥ tAWD (Min.), the cycle is
a read modify write cycle and the data out will contain data read from the selected cell:
If neither of the above sets of conditions is satisfied, the condition of the data out is
indeterminate.
9. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only: If tRCD is greater than the specified
tRCD (Max.) limit, then access time is controlled by tCAC.
10. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.)
is specified as a reference point only: If tRAD is greater than the specified tRAD (Max.)
limit, then access time is controlled by tAA.
11. This is guaranteed by design. (tDOH = tCAC - output transition time) This parameter is
not 100% tested.
12. These parameters are determined by the earliest falling edge of CAS1, CAS2, CAS3, or
CAS4.
13. These parameters are determined by the latest rising edge of CAS1, CAS2, CAS3, or
CAS4.
14. tCWL should be satisfied by all CASes.
15. tCP and tCPT are determined by the time that all CASes are high.
16. Only MSM54V32128.


Similar Part No. - MSM54V32128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45GS-K OKI-MSM54V32126A-45GS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45TS-K OKI-MSM54V32126A-45TS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50GS-K OKI-MSM54V32126A-50GS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50TS-K OKI-MSM54V32126A-50TS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM54V32128

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com