Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6BU-2174CUS24VDC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G6BU-2174CUS24VDC
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6BU-2174CUS24VDC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G6BU-2174CUS24VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6BU-2174CUS24VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
66
PCB Power Relay – G6B
Characteristics
Contact resistance
30 mΩ max.
Operate (set) time
10 ms max. (mean value: 1-pole approx. 3 ms, 2-pole approx. 4 ms)
Release (reset) time
Single-side stable types: 10 ms max. (mean value: 1-pole approx. 1 ms, 2-pole approx. 2 ms)
Latching types: 10 ms max. (mean value: approx. 3 ms)
Min. set/reset signal width
Latching type: 15 ms min. (at 23˚C)
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
1,000 MΩ min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
3,000 VAC (Latching types: 2,000 VAC), 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75mm single amplitude (1.5mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.75mm single amplitude (1.5mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: Single-side stable: 100 m/s2; Latching: 300 m/s2
Endurance
Mechanical: 50,000,000 operations min. (at 18,000 operations/hr)
Electrical: 100,000 operation min. (at 1,800 operations/hr)
Ambient temperature
Operating: -25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Double-winding latching: Approx. 3.7 g
High-capacity: Approx. 4.6 g
Double pole: Approx. 4.5 g
Other: Approx. 3.5 g
Note: The data shown above are initial values.
Item
SPST-NO
SPST-NO + SPST-NC, DPST-NO, DPST-NC
Load
Resistive load
Inductive load
Resistive load
Inductive load
(cosø = 1)
(cosø = 0.4; L/R = 7 ms)
(cosø = 1)
(cosø = 0.4; L/R = 7 ms)
Rated load
5 A at 250 VAC;
2 A at 250 VAC;
5 A at 250 VAC;
1.5 A at 250 VAC;
5 A at 30 VDC
2 A at 30 VDC
5 A at 30 VDC
1.5 A at 30 VDC
Contact material
AgCdO (Cd free planned 1 Apr 05)
Rated carry current
5 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
5 A
Max. switching power
1,250 VA, 150 W
500 VA, 60 W
1,250 VA, 150 W
375 VA, 80 W
Failure rate (reference value)
10 mA at 5 VDC
Contact Ratings
Item
SPST-NO (High-capacity)
Load
Resistive load (cosø = 1)
Inductive load (cosø = 0.4; L/R = 7 ms)
Rated load
8 A at 250 VAC; 5 A at 30 VDC
2 A at 250 VAC; 2 A at 30 VDC
Contact material
AgCdO
Rated carry current
8 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
8 A
Max. switching power
2,000 VA, 150 W
Failure rate (reference value)
10 mA at 5 VDC
Note: P level:
λ60 = 0.1 x 10
-6/operation


Similar Part No. - G6BU-2174CUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6BU-2174CUSP6B12VDC OMRON-G6BU-2174CUSP6B12VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2174CUSP6B25VDC OMRON-G6BU-2174CUSP6B25VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2174CUSP6B5VDC OMRON-G6BU-2174CUSP6B5VDC Datasheet
285Kb / 7P
   PCB Relay
G6BU-2174CUSP6B6VDC OMRON-G6BU-2174CUSP6B6VDC Datasheet
285Kb / 7P
   PCB Relay
More results

Similar Description - G6BU-2174CUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com