Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1526 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-1526
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1526 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-1526 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1526 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Versatile Link
The Versatile Fiber Optic
Connection
Technical Data
HFBR-0501 Series
Features
• Low Cost Fiber Optic
Components
• Enhanced Digital Links
dc-5 MBd
• Extended Distance Links up
to 120 m at 40 kBd
• Low Current Link: 6 mA
Peak Supply Current
• Horizontal and Vertical
Mounting
• Interlocking Feature
• High Noise Immunity
• Easy Connectoring
Simplex, Duplex, and
Latching Connectors
• Flame Retardant
• Transmitters Incorporate a
660 nm Red LED for Easy
Visibility
• Compatible with Standard
TTL Circuitry
Applications
• Reduction of Lightning/Volt-
age Transient Susceptibility
• Motor Controller Triggering
• Data Communications and
Local Area Networks
• Electromagnetic
Compatibility (EMC) for
Regulated Systems: FCC,
VDE, CSA, etc.
• Tempest-Secure Data
Processing Equipment
• Isolation in Test and
Measurement Instruments
• Error Free Signalling for
Industrial and Manufactur-
ing Equipment
• Automotive Communications
and Control Networks
• Noise Immune Communica-
tion in Audio and Video
Equipment
Description
The Versatile Link series is a
complete family of fiber optic link
components for applications
requiring a low cost solution. The
HFBR-0501 series includes trans-
mitters, receivers, connectors and
cable specified for easy design.
This series of components is ideal
for solving problems with voltage
isolation/insulation, EMI/RFI
immunity or data security. The
optical link design is simplified
by the logic compatible receivers
and complete specifications for
each component. The key optical
and electrical parameters of links
configured with the HFBR-0501
family are fully guaranteed from
0
° to 70°C.
A wide variety of package config-
urations and connectors provide
the designer with numerous
mechanical solutions to meet
application requirements. The
transmitter and receiver compo-
nents have been designed for use
in high volume/low cost assembly
processes such as auto insertion
and wave soldering.
Transmitters incorporate a 660
nm LED. Receivers include a
monolithic dc coupled, digital IC
receiver with open collector
Schottky output transistor. An
internal pullup resistor is avail-
able for use in the HFBR-25X1/2/
4 receivers. A shield has been
integrated into the receiver IC to
provide additional, localized noise
immunity.
Internal optics have been optim-
ized for use with 1 mm diameter
plastic optical fiber. Versatile
Link specifications incorporate
all connector interface losses.
Therefore, optical calculations for
common link applications are
simplified.


Similar Part No. - HFBR-1526

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1526ET AVAGO-HFBR-1526ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1526Z AVAGO-HFBR-1526Z Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1526Z AVAGO-HFBR-1526Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1526

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com