Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW343 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW343
Description  FW343
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW343 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW343 Datasheet HTML 1Page - Sanyo Semicon Device FW343 Datasheet HTML 2Page - Sanyo Semicon Device FW343 Datasheet HTML 3Page - Sanyo Semicon Device FW343 Datasheet HTML 4Page - Sanyo Semicon Device FW343 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FW343
No.7555-4/5
IT04972
ダイオード順電圧, VSD -- V
--0.001
2
--0.01
--0.1
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
--1.0
--10
0--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
2
7
5
3
2
7
5
3
1.0
10
50
100
150
200
0
--60
--40
--20
0
20
40
60
80
100
120
160
140
0--4
--8
--12
--16
--2
--6
--10
--14
50
100
150
200
250
300
0
--1
--2
--3
--4
--5
0
0--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--5.0
0--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
総ゲート電荷量, Qg -- nC
VGS -- Qg
IT04965
0
2
4
6
8
10
0123456789
周囲温度, Ta -- °C
RDS(on) -- Ta
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT04969
IT04970
ゲート・ソース電圧, VGS -- V
ID -- VGS
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
0
ドレイン・ソース電圧, VDS -- V
ID -- VDS
IT04967
IT04968
[Pch]
[Pch]
[Nch]
[Pch]
[Pch]
VDS= --10V
VGS= --2.5V
--3.5V
--3.0V
ID= --2A --4A
Ta=25°C
ドレイン電流, ID -- A
IT04971
yfs -- ID
IF -- VSD
VGS=0
[Pch]
[Pch]
VDS= --10V
75
°C
25
°C
Ta=
--25
°C
VDS=10V
ID=5A
ID=
--2A,
VGS
= --4V
ID= -
-4A, VG
S= -
-10V
--0.01
--0.1
23
5
7
23
5
7
23
5
7
--1.0
--10
0.01
0.1
1.0
23
5 7
23
5 7
23
5 7
2 3
10
5
0.01
0.1
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
5
3
2
A S O
ドレイン・ソース電圧, VDS -- V
IT04966
IDP=20A
ID=5A
100ms
DC
operation
1ms
10ms
10s
<10µs
100
µs
Ta=25°C
1パルス
セラミック基板(2000mm2×0.8mm)装着時 1unit
[Nch]
Operation in this
area is limited by RDS(on).


Similar Part No. - FW343

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW340 SANYO-FW340 Datasheet
61Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
FW342 SANYO-FW342 Datasheet
55Kb / 6P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
FW342-TL-E VBSEMI-FW342-TL-E Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Sanyo Semicon Device
FW344 SANYO-FW344 Datasheet
49Kb / 6P
   Motor Driver Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com