Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRA4005T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MRA4005T1
Description  Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4005T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MRA4005T1 Datasheet HTML 1Page - ON Semiconductor MRA4005T1 Datasheet HTML 2Page - ON Semiconductor MRA4005T1 Datasheet HTML 3Page - ON Semiconductor MRA4005T1 Datasheet HTML 4Page - ON Semiconductor MRA4005T1 Datasheet HTML 5Page - ON Semiconductor MRA4005T1 Datasheet HTML 6Page - ON Semiconductor MRA4005T1 Datasheet HTML 7Page - ON Semiconductor MRA4005T1 Datasheet HTML 8Page - ON Semiconductor MRA4005T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AND8098/D
http://onsemi.com
2
through the output and a low-frequency ripple will be found
in the output voltage. Hence, the value of C2 is needed to be
small enough to increase this charging frequency fVCC in
order to reduce output voltage ripple because some
efficiency is lost due to this low-frequency ripple.
Input
Output
D3
C3
D
L
C1
C
Z1
C2
VCC
FB
DS
D2 Z2
D1 R
1
(a) Buck
Input
Output
D3
C3
D
L
C1
C
Z1
C2
VCC
FB
DS
D2 Z2
D1
R1
(b) Buck-boost
Istart
Istart
Figure 2. Charging Current of C2
In Figure 2b it is noted that in the buck-boost topology the
charging current path is blocked by diode D and hence the
charging of C2 does not affect the output voltage directly.
However, it still affects the output voltage indirectly and
slightly by adding some low-frequency noise on the
inductor. Hence, small value of C2 is also wanted.
C1
Vout
R1
(a) Buck
D1
C1
Vout
R1
(b) Buck-boost
D1
Figure 3. Output Voltage Couples to C1 with a
Charging Current
The function of diode D1, capacitor C1 and resistor R1 are
to transfer the magnitude of output voltage to a voltage
across C1 so that the IC can regulate the output voltage. In
Figure 3, when the main switch inside the IC is opened and
the diode D is closed. In buck, the potential of the IC
reference ground (pin S) becomes almost 0 V in this
moment. In buck-boost, the potential of the IC reference
ground (pin S) becomes -Vout in this moment. The voltage
in C1 will be charged to the output voltage. On the other
hand, when main switch is closed and the diode D is opened,
diode D1 is reverse biased by a voltage with magnitude Vin
and Vin+Vout respectively. Hence, D1 does not affect the
normal operation of the buck and buck-boost converter.
It is noted that the instantaneous voltage in C1 can be
possibly greater than the output voltage especially when
output current or output ripple is too large. It directly affects
the load regulation of the circuit since the IC regulates the
output voltage based on the voltage in C1. In order to solve
it, larger values of L and R1 can help to slow down the
charging speed of C1. It reduces the maximum instantaneous
voltage in C1 so that output voltage at high output current
can be pulled up and a good regulation is made.
Larger value of L can help the load regulation but it
usually unwanted because it is bulky. Hence, resistor R1 is
recommended. Larger value of R1 makes higher output
voltage. Hence, it is called as a “pull-up resistor” and it can
help to pull up the output voltage slightly.
The voltage in C1 representing the output voltage is
feedback to the feedback (FB) pin of the NCP1052 through
a diode D2 and zener diode Z2. When output voltage is too
high, there will be a greater-than-50
mA current inserting
into the feedback pin of the NCP1052. The NCP1052 will
stop switching when it happens. When output voltage is not
high enough, the current inserting into the feedback is
smaller than 50
mA. The NCP1052 enables switching and
power is delivered to the output until the output voltage is
too high again.
The purpose of the diode D2 is to ensure the current is
inserting into the feedback pin because the switching of
NCP1052 can also be stopped when there is a
greater-than-50
mA current sinking from the FB pin. The
purpose of the zener diode Z2 is to set the output voltage
threshold. The FB pin of NCP1052 with a condition of
50
mA sourcing current is about 4.3 V. The volt-drop of the
diode D2 is loosely about 0.7 V at 50
mA. Hence, the output
voltage can be loosely set as follows:
Vout + zener ) 4.3 V ) 0.7 V
(eq. 1)
+ zener ) 5V
According to (1), the possible minimum output voltage of
the circuit is 5.0 V when there is no zener diode Z2.
If there is no load, the IC will automatically minimize its
duty cycle to the minimum value but the output voltage is
still possible to be very high because there is no passive
component in the circuit try to absorb the energy. As a result,


Similar Part No. - MRA4005T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4005T1 ONSEMI-MRA4005T1 Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRA4005T1 ONSEMI-MRA4005T1 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRA4005T1G ONSEMI-MRA4005T1G Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRA4005T1G ONSEMI-MRA4005T1G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
MRA4005T1G ONSEMI-MRA4005T1G Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
More results

Similar Description - MRA4005T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
   100 mA Buck-Boost Regulator Demonstration Board
Rev. A, 31-Jul-06
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
FSP TECHNOLOGY INC.
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
CP750 FSP-CP750 Datasheet
68Kb / 1P
   Boost and Buck AVR for voltage stabilization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com