Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC111AJE Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC111AJE
Description  Ultra High Slew Rate, Closed Loop Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC111AJE Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC111AJE Datasheet HTML 1Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 2Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 6Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 7Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 8Page - National Semiconductor (TI) CLC111AJE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales
Office/Distributors for availability and specifications.
Supply Voltage (V
CC)
±7.0V
I
OUT
Output is short circuit protected to
ground, but maximum reliability will
be maintained if I
OUT does not
exceed...
80mA
Input Voltage
±V
CC
Maximum Junction Temperature
Range
+150˚C
Operating Temperature Range
40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
ESD rating
1000V
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(θJA)
MDIP
70˚C/W
125˚C/W
SOIC
65˚C/W
145˚C/W
Electrical Characteristics
±V
CC = ±5V, RL = 100Ω; unless specified
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Ambient Temperature
CLC111AJ
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
OUT < 0.5VPP
800
400
400
300
MHz
LSBW
Small Signal Bandwidth
V
OUT < 4.0VPP
450
250
250
200
MHz
Gain Flatness
V
OUT < 0.5VPP
GFL
Flatness
DC-50MHz
0.02
±0.1
±0.1
±0.2
dB
GFPH
Peaking
DC-200MHz
0.1
1.0
0.5
0.5
dB
GFRH
Rolloff
DC-200MHz
0.1
0.8
0.8
1.2
dB
DG
Differential Gain
R
L = 150Ω,
4.43MHz,
0.15
0.4
0.25
0.25
%
DP
Differential Phase
R
L = 150Ω,
4.43MHz
0.04
0.08
0.08
0.08
deg
Time Domain Response
TRS
Rise and Fall Time
0.5V step
0.6
0.8
0.8
1.1
ns
TRL
4.0V step
1.0
1.4
1.4
1.7
ns
TS
Settling Time to ±0.1%
2.0V Step
16
20
20
20
ns
OS1
Overshoot
4V Step
0
8
5
5
%
SR
Slew Rate
4V Step
3500
2700
2700
2300
V/µsec
Distortion And Noise Performance
HD2
2nd Harmonic Distortion
2V
PP, 20MHz
−62
−47
−50
−50
dBc
HD3
3rd Harmonic Distortion
2V
PP, 20MHz
−62
−55
−55
−52
dBc
Equivalent Output Noise
VN
Voltage
>1MHz
4.0
4.8
4.8
5.3
nV/
ICN
Current
>1MHz
1.6
4.0
3.0
3.0
pA/
Static, DC Performance
GA1
Small Signal Gain
No Load
0.996
0.994
0.994
0.992
V/V
GA2
Small Signal Gain
100
Ω Load
.98
.96
.97
.97
V/V
RO
Output Resistance
DC
1.4
3.0
2.0
2.0
VIO
Output Offset Voltage (Note 3)
2
17
9
9
mV
DVIO
Average Temperature
Coefficient
±30
±100
-
±50
µV/˚C
IBN
Input Bias Current (Note 3)
5
30
15
15
µA
DIBN
Average Temperature
Coefficient
50
±187
-
±100
nA/˚C
PSRR
Power Supply Rejection Ratio
−52
−48
−48
−46
dB
www.national.com
3


Similar Part No. - CLC111AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AI NSC-CLC110AI Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJE NSC-CLC110AJE Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJP NSC-CLC110AJP Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AM NSC-CLC110AM Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
More results

Similar Description - CLC111AJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com