Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS340T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURS340T3
Description  Surface Mount Ultrafast Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS340T3 Datasheet(HTML) 4 Page - ON Semiconductor

  MURS340T3 Datasheet HTML 1Page - ON Semiconductor MURS340T3 Datasheet HTML 2Page - ON Semiconductor MURS340T3 Datasheet HTML 3Page - ON Semiconductor MURS340T3 Datasheet HTML 4Page - ON Semiconductor MURS340T3 Datasheet HTML 5Page - ON Semiconductor MURS340T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MURS320T3, MURS340T3, MURS360T3
http://onsemi.com
4
MURS340T3, MURS360T3
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
3.0
0.05
0.02
2.0
0.7
1.3
0.07
0.5
5.0
1.7
VR, REVERSE VOLTAGE (VOLTS)
0
300
200
400
40
80
0.008
0.004
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
100
700
Figure 7. Typical Reverse Current*
TC, CASE TEMPERATURE (°C)
90
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
9.0
10
100
110
120
130
140
150
160
170
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
1.5
1.0
0
2.0
1.0
3.0
5.0
4.0
10
7.0
6.0
0.5
5.0
Figure 8. Power Dissipation
Figure 9. Current Derating, Case
010
20
30
40
60
0
20
30
40
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Typical Capacitance
0.9
1.0
1.9
2.1
2.3
100
°C
TJ = 175°C
25
°C
600
500
0.08
0.04
0.02
TJ = 100°C
TJ = 25°C
3.0
2.5
2.0
4.5
4.0
3.5
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
SQUARE WAVE
dc
TYPICAL CAPACITANCE AT 0 V = 75 pF
dc
SQUARE WAVE
10
5.0
50
60
70
80
90
80
100
0.3
0.03
0.1
400
200
10
50
70
90
70
80
0.3
0.2
(CAPACITIVE LOADS)
I
PK
I
AV
+ 20


Similar Part No. - MURS340T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS340T3G ONSEMI-MURS340T3G Datasheet
75Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
November, 2016 ??Rev. 14
More results

Similar Description - MURS340T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com