Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLCF4020-6R8 Datasheet(PDF) 11 Page - ON Semiconductor

Part # VLCF4020-6R8
Description  Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

VLCF4020-6R8 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button VLCF4020-6R8 Datasheet HTML 7Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 8Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 9Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 10Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 11Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 12Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 13Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 14Page - ON Semiconductor VLCF4020-6R8 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1511
http://onsemi.com
11
Table 1. Operating Mode Selection
SYNC Pin State
Operating Mode
LOW
Pulsed Mode (PM)
HIGH
PWM, 1 MHz Switch Frequency
CLOCK
PWM, Frequency Synchronization
Output Voltage Selection
The output voltage is digitally programmed to one of
four voltage levels depending on the logic state of CB0 and
CB1. Therefore if the NCP1511’s load, such as a digital
cellular phone’s baseband processor, supports dynamic
power management, the device can lower or raise its core
voltage under software control. When combined with the
pulsed current mode function in low load situations, this
active voltage management further stretches the useful
operating life of the handset battery between charges.
The output voltage levels are listed in Table 2. The CB0
has a pull down resistor and the CB1 has a pullup resistor.
The default output voltage is 1.3 V when CB0 and CB1 are
floating.
Table 2. Truth Table for CB0 and CB1 with the
Corresponding Output Voltage
CB0
CB1
Vout(V)
0
0
1.0
0
1
1.3
1
1
1.5
1
0
1.89
Soft−Start
The NCP1511 uses soft−start to limit the inrush current
when the device is initially powered up or enabled.
Soft−start is implemented by gradually increasing the
reference voltage until it reaches the full reference voltage.
During startup, a pulsed current source charges the internal
soft−start capacitor to provide gradually increasing
reference voltage for the PWM loop. When the voltage
across the capacitor ramps up to the nominal reference
voltage, the pulsed current source will be switched off and
the reference voltage will switch to the regular reference
voltage.
Shutdown Mode
When the SHD pin has a voltage applied of less than
0.4 V, the NCP1511 will be disabled. In shutdown mode,
the internal reference, oscillator and most of the control
circuitries are turned off. Therefore, the typical current
consumption will be 0.1
mA (typical value).
Applying a voltage above 1.2 V to SHD pin will enable
the device for normal operation. The device will go through
soft−start to normal operation.
Thermal Shutdown
Internal Thermal Shutdown circuitry is provided to
protect the integrated circuit in the event that the maximum
junction
temperature
is
exceeded.
If
the
junction
temperature exceeds 160
°C, the device shuts down. In this
mode switch Q1 and Q2 and the control circuits are all
turned off. The device restarts in soft−start after the
temperature drops below 135
_C. This feature is provided
to prevent catastrophic failures from accidental device
overheating and it is not intended as a substitute for proper
heatsinking.


Similar Part No. - VLCF4020-6R8

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF4020 TDK-VLCF4020 Datasheet
565Kb / 41P
   Inductors for Power Circuits Wound Ferrite
VLCF4020T-100MR85 TDK-VLCF4020T-100MR85 Datasheet
36Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4020T-100MR85 TDK-VLCF4020T-100MR85 Datasheet
565Kb / 41P
   Inductors for Power Circuits Wound Ferrite
VLCF4020T-100MR85 TDK-VLCF4020T-100MR85 Datasheet
112Kb / 9P
   Wound Ferrite
VLCF4020T-101MR26 TDK-VLCF4020T-101MR26 Datasheet
36Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLCF4020-6R8

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com