Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16800 Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC42S16800
Description  4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16800 Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC42S16800 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16800 Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
IC42S81600/IC42S81600L
IC42S16800/IC42S16800L
6
Integrated Circuit Solution Inc.
DR023-0E 6/11/2004
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD
Supply Voltage (with respect to VSS)
–0.5 to +4.6
V
VDDQ
Supply Voltage for Output (with respect to VSSQ)
–0.5 to +4.6
V
VI
Input Voltage (with respect to VSS)
–0.5 to VDD+0.5
V
VO
Output Voltage (with respect to VSSQ)
–1.0 to VDDQ+0.5
V
IO
Short circuit output current
50
mA
PD
Power Dissipation (TA = 25 °C)
1W
TOPT
Operating Temperature
Commercial
0 to +70
°C
Industrial
-40 to +85
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1. Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent
damage. The device is not meant to be operated under conditions outside the limits described in the
operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
DC RECOMMENDED OPERATING CONDITIONS
(At unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VDDQ
Supply Voltage for DQ
3.0
3.3
3.6
V
VIH
High Level Input Voltage (all Inputs)
2.0
VDD + 1.2
V
VIL
Low Level Input Voltage (all Inputs)
-1.2
+0.8
V
Notes:
1. All voltages are referenced to VSS =0V
2. VIH(max) for pulse width with
≤ 3ns of duration
3. VIL(min) for pulse width with
≤ 3ns of duration
CAPACITANCE CHARACTERISTICS
(At VDD = VDDQ = 3.3 ± 0.3V, VSS = VSSQ = 0V , unless otherwise noted)
Symbol
Parameter
Min.
Max.
Unit
-6
-7/-8
CIN
Input Capacitance, address & control pin
2.5
3.8
5.0
pF
CCLK
Input Capacitance, CLK pin
2.5
3.5
4.0
pF
CI/O
Data Input/Output Capacitance
4.0
6.5
6.5
pF


Similar Part No. - IC42S16800

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IC42S16800D-7TL ISSI-IC42S16800D-7TL Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IC42S16800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
IC42S8200 ICSI-IC42S8200 Datasheet
731Kb / 76P
   1Meg x 8 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com