Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS4D11 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CLS4D11
Description  Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CLS4D11 Datasheet(HTML) 5 Page - ON Semiconductor

  CLS4D11 Datasheet HTML 1Page - ON Semiconductor CLS4D11 Datasheet HTML 2Page - ON Semiconductor CLS4D11 Datasheet HTML 3Page - ON Semiconductor CLS4D11 Datasheet HTML 4Page - ON Semiconductor CLS4D11 Datasheet HTML 5Page - ON Semiconductor CLS4D11 Datasheet HTML 6Page - ON Semiconductor CLS4D11 Datasheet HTML 7Page - ON Semiconductor CLS4D11 Datasheet HTML 8Page - ON Semiconductor CLS4D11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1511
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (Vin = 3.6 V, Vo = 1.5 V, TA = 25°C, Fsyn = 600 kHz 50% Duty Cycle square wave
for PWM mode; TA = –30 to 85°C for Min/Max values, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Sync PWM Mode Characteristics (continued)
Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L
Vout
0.950
1.000
1.050
V
Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H
Vout
1.261
1.300
1.339
V
Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H
Vout
1.450
1.500
1.550
V
Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L
Vout
1.833
1.890
1.947
V
Load Transient Response
10 to 100 mA Load Step
Vout
35
mV
Line Transient Response, Iout = 100 mA
3.0 to 3.6 Vin Line Step
Vout
"10
mVpp
PWM Mode with Internal Oscillator Characteristics
Switching P−FET Current Limit
I lim
800
mA
Minimum On Time
Ton min
75
nsec
Internal Oscillator Frequency
Fosc
700
900
1200
kHz
Rdson Switching P−FET and N_FET
Rdson
0.23
W
Switching P−FET and N−FET Leakage Current
Ileak
0
1.0
mA
Output Overvoltage Threshold
Vo
5.0
%
Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L
Vout
0.950
1.000
1.050
V
Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H
Vout
1.261
1.300
1.339
V
Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H
Vout
1.450
1.500
1.550
V
Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L
Vout
1.833
1.890
1.947
V
Load Transient Response
10 to 100 mA Load Step
Vout
35
mV
Line Transient Response, Iout = 100 mA
3.0 to 3.6 Vin Line Step
Vout
"10
mVpp
Pulsed Mode Characteristics
On Time
Ton
660
nsec
Output Ripple Voltage, Iout = 100 mA
Vout
22
mV
Feedback Voltage Accuracy, Vout Set = 1.0 V CB0 = L, CB1 = L
Vout
0.930
1.000
1.070
V
Feedback Voltage Accuracy, Vout Set = 1.3 V CB0 = L, CB1 = H
Vout
1.241
1.300
1.359
V
Feedback Voltage Accuracy, Vout Set = 1.5 V CB0 = H, CB1 = H
Vout
1.430
1.500
1.570
V
Feedback Voltage Accuracy, Vout Set = 1.89 V CB0 = H CB1 = L
Vout
1.813
1.890
1.967
V


Similar Part No. - CLS4D11

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D11 SUMIDA-CLS4D11 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D11 SUMIDA-CLS4D11 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11-100N SUMIDA-CLS4D11-100N Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11-150N SUMIDA-CLS4D11-150N Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11-220N SUMIDA-CLS4D11-220N Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results

Similar Description - CLS4D11

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com