Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F822PF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MB90F822PF
Description  16-bit Proprietary Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90F822PF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MB90F822PF Datasheet HTML 1Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 2Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 3Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 4Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 5Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 6Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 7Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 8Page - List of Unclassifed Manufacturers MB90F822PF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MB90820 Series
4
s PRODUCT LINEUP
(Continued)
MB90V820
MB90F822
MB90F823
MB90822
Classification
Development /evaluation
product
Mass-produced products
(Flash ROM with flash
security)
Mass-produced product
(Mask ROM)
ROM size
64K bytes
128K bytes
64K bytes
RAM size
16K bytes
4K bytes
CPU function
Number of instruction : 351
Minimum execution time : 42 ns / 4 MHz (PLL x 6)
Addressing mode : 23
Data bit length : 1, 8, 16 bits
Maximum memory space: 16M bytes
I/O port
I/O port (CMOS) : 66
PWC
Pulse width counter timer : 2 channels
Timer function (select the counter timer from three internal clocks)
Various pulse width measuring function (H pulse width, L pulse width, rising edge to falling edge
period, falling edge to rising edge period, rising edge to rising edge period and falling edge to
falling edge period)
UART
UART : 2 channels
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized transmission (with start and stop bits) can be
selected and used.
Transmission can be one-to-one (bidirectional communication) or one-to-n (master-slave com-
munication).
16-bit reload
timer
Reload timer : 2 channels
Reload mode, single-shot mode or event count mode selectable
16-bit PPG
timer
PPG timer : 3 channels
PWM mode or single-shot mode selectable
Channel 0 can be worked with multi-functional timer or independently.
Multi-functional
timer
(for AC/DC
motor control)
16-bit free-running timer with up or up-down mode selection and buffer : 1 channel
16-bit output compare : 6 channels
16-bit input capture : 4 channels
16-bit PPG timer : 1 channel
Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time)
8/10-bit A/D
converter
8/10-bit resolution (16 channels)
Conversion time : Min 3
µs (24 MHz internal clock, including sampling time)
8-bit D/A
converter
8/10-bit resolution (2 channels)
DTP/External
interrupt
8 independent channels
Interrupt factors : Rising edge, falling edge, “L” level or “H” level
Low-power
consumption
Stop mode / Sleep mode / CPU intermittent operation mode
Part number
Item


Similar Part No. - MB90F822PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F822A FUJITSU-MB90F822A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APF FUJITSU-MB90F822APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFM FUJITSU-MB90F822APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFV FUJITSU-MB90F822APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822B FUJITSU-MB90F822B Datasheet
1Mb / 56P
   16-bit Microcontroller
More results

Similar Description - MB90F822PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com