MB90820 Series
9
s PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
Pin status
during
reset
Function
LQFP *1
QFP *2
21, 22
23, 24
X0,X1
A
Oscillating Oscillation input pins.
17
19
RST
B
Reset
input
External reset input pin.
59 to 54
61 to 56
P00 to P05
C
Port input
General-purpose I/O ports.
53
55
P06
C
General-purpose I/O ports.
PWI0
PWC0 signal input pin.
52
54
P07
C
General-purpose I/O ports.
PWO0
PWC0 signal output pin.
51
53
P10
D
General-purpose I/O ports.
INT0
Can be used as interrupt request input channel 0. In-
put is enabled when 1 is set in EN0 in standby mode.
DTTI
RTO0 to 5 pins for fixed-level input. This function is
enabled when the waveform generator specifies its
input bits.
50 to 45
52 to 47
P11 to P16
D
General-purpose I/O ports.
INT1 to
INT6
Can be used as interrupt request input channel 1 to
6. Input is enabled when 1 is set in EN1 to EN6 in
standby mode.
44
46
P17
D
General-purpose I/O ports.
43
45
P20
D
General-purpose I/O ports.
TIN1
External clock input pin for reload timer1.
42
44
P21
D
General-purpose I/O ports.
TO1
Event output pin for reload timer1.
41,
39 to 35
43,
41 to 37
P22 to P27
D
General-purpose I/O ports.
34 to 28
36 to 30
P30 to P36
E
General-purpose I/O ports.
27
29
P37
E
General-purpose I/O ports.
PPG0
Output pins for PPG channel 0. This function is
enabled when output of PPG channel 0 is specified.
26
28
P40
F
General-purpose I/O ports.
PPG1
Output pins for PPG channel 1. This function is
enabled when output of PPG channel 1 is specified.
19
21
P41
F
General-purpose I/O ports.
TIN0
External clock input pin for reload timer0.
18
20
P42
F
General-purpose I/O ports.
TO0
Event output pin for reload timer0.