Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IS62LV2568LL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part No. IS62LV2568LL
Description  256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

 
 5 page
background image
IS62LV2568LL
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. B
05/03/00
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-70
-85
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
70
85
ns
tAA
Address Access Time
70
85
ns
tOHA
Output Hold Time
10
15
ns
tACE1
CE1 Access Time
70
85
ns
tACE2
CE2 Access Time
70
85
ns
tDOE
OE Access Time
35
45
ns
tHZOE(2)
OE to High-Z Output
25
25
ns
tLZOE(2)
OE to Low-Z Output
5
5
ns
tLZCE1(2)
CE1 to Low-Z Output
10
10
ns
tLZCE2(2)
CE2 to Low-Z Output
10
10
ns
tHZCE(2)
CE1 or CE2 to High-Z Output
0
25
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.3V, input pulse levels of 0.4V to 2.2V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.3V
and Reference Level
Output Load
See Figures 1 and 2
AC TEST LOADS
3070
5 pF
Including
jig and
scope
3150
OUTPUT
2.8V
3070
30 pF
Including
jig and
scope
3150
OUTPUT
2.8V
Figure 1
Figure 2




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC62LV2568L256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS62LV2568L256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS62LV1288LL128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS62LV5128LL512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
KM62V256C32Kx8 bit Low Power AND Low Vcc CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
K6F4016R4E256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
IC62VV5128L512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
DS_K6F2016U4E128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
K6F4008U2G512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
IC62VV12816L128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl